Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7809LPRPFE Datasheet(PDF) 18 Page - Maxwell Technologies

Part # 7809LPRPFE
Description  16-Bit Latchup Protected Analog to Digital Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7809LPRPFE Datasheet(HTML) 18 Page - Maxwell Technologies

Back Button 7809LPRPFE Datasheet HTML 14Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 15Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 16Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 17Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 18Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 19Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 20Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 21Page - Maxwell Technologies 7809LPRPFE Datasheet HTML 22Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected Analog to Digital Converter
7809LP
01.11.05 Rev 7
FIGURE 8. 7809LP LPTTM TEST CIRCUIT
GND
PULSE GENERATOR 2
-7.5V
GND
GND
GND
GND
+5V
PULSE GENERATOR 1
GND
GND
0V
20 USEC PULSEWIDTH
-VP
IS
DIGITAL
CONTROL
AND
MONITORING
.4V
2.4V
5 USEC PULSEWIDTH
RT/FT < 10 NS
Q1
2N2369A
D2
1N4149
D1
1N4149
R3
50
R1
200
R2
100
R3
22.9K
C1
2.2UF
+
C2
2.2UF
+
U?
7809LPRP
R1IN
1
AGND1
2
R2IN
3
R3IN
4
CAP
5
REF
6
AGND2
7
SB/BTC
8
EXT/INT
9
DGND
10
LPBIT
11
LPSTATUS
12
VANA
13
VDIG
14
SYNC
15
DATACLK
16
DATA
17
TAG
18
R/C
19
CS
20
BUSY
21
PWRD
22
LPVANA
23
LPVDIG
24
C3
10UF
+
S1
C4
.1UF
C4
.1UF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com