Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2525ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADN2525ACPZ-R2
Description  10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2525ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN2525ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADN2525
Rev. 0 | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
11
10
9
GND
IBIAS
IBMON
BSET
1
MSET
2
3
4
GND
ALS
NC
ADN2525
TOP VIEW
PIN 1
INDICATOR
Figure 4. Pin Configuration
Note: The exposed pad on the bottom of the package must be connected to the VCC or GND plane.
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
I/O
Description
1
MSET
Input
Modulation Current Control Input
2
NC
N/A
No Connect—Leave Floating
3
ALS
Input
Automatic Laser Shutdown
4
GND
Power
Negative Power Supply
5
VCC
Power
Positive Power Supply
6
IMODN
Output
Modulation Current Negative Output
7
IMODP
Output
Modulation Current Positive Output
8
VCC
Power
Positive Power Supply
9
GND
Power
Negative Power Supply
10
IBIAS
Output
Bias Current Output
11
IBMON
Output
Bias Current Monitoring Output
12
BSET
Input
Bias Current Control Input
13
VCC
Power
Positive Power Supply
14
DATAP
Input
Data Signal Positive Input
15
DATAN
Input
Data Signal Negative Input
16
VCC
Power
Positive Power Supply
Exposed Pad
Pad
Power
Connect to GND or VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com