Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2525ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADN2525ACPZ-R2
Description  10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2525ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADN2525ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADN2525
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VCC = 3.3 V, unless otherwise noted.
DIFFERENTIAL MODULATION CURRENT (mA)
100
0
204060
80
28.0
23.5
24.0
24.5
25.0
25.5
26.0
26.5
27.0
27.5
23.0
Figure 5. Rise Time vs. IMOD
DIFFERENTIAL MODULATION CURRENT (mA)
100
0
204060
80
27.5
26.5
27.0
25.5
26.0
25.0
24.0
24.5
23.5
23.0
Figure 6. Fall Time vs. IMOD
DIFFERENTIAL MODULATION CURRENT (mA)
100
0
204060
80
0.7
0.5
0.6
0.4
0.3
0.2
0.1
0
Figure 7. Random Jitter vs. IMOD
DIFFERENTIAL MODULATION CURRENT (mA)
100
0
204060
80
9
8
7
4
3
6
5
2
1
0
Figure 8. Deterministic Jitter vs. IMOD
DIFFERENTIAL MODULATION CURRENT (mA)
100
0
204060
80
350
300
250
200
150
100
50
0
IBIAS = 10mA
IBIAS = 50mA
IBIAS = 100mA
Figure 9. Total Supply Current vs. IMOD
FREQUENCY (GHz)
15
0123456789
10 11 12 13 14
0
–40
–35
–30
–25
–20
–15
–10
–5
Figure 10. Differential |S11|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com