Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2525ACPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADN2525ACPZ-R2
Description  10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2525ACPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADN2525ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADN2525
Rev. 0 | Page 13 of 16
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Figure 33 shows the typical application circuit for the ADN2525.
The dc voltages applied to the BSET and MSET pins control the
bias and modulation currents. The bias current can be monitored
as a voltage drop across the 1 kΩ resistor connected between
the IBMON pin and GND. The ALS pin allows the user to turn
on/off the bias and modulation currents, depending on the logic
level applied to the pin. The data signal source must be connected
to the DATAP and DATAN pins of the ADN2525 using 50 Ω
transmission lines. The modulation current outputs, IMODP
and IMODN, must be connected to the load (TOSA) using 50 Ω
differential (25 Ω single-ended) transmission lines. Table 5
shows recommended components for the ac-coupling interface
between the ADN2525 and TOSA. For up-to-date component
recommendations, contact your sales representative.
Table 5.
Component
Value
Description
R1, R2
36 Ω
0603 size resistor
R3, R4
200 Ω
0603 size resistor
C3, C4
100 nF
0603 size capacitor,
Phycomp 223878615649
L2, L3, L6, L7
82 nH
0402 size inductor,
Murata LQW15AN82NJ0
L1, L4, L5, L8
10 µH
0603 size inductor,
Murata LQM21FN100M70L
LAYOUT GUIDELINES
Due to the high frequencies at which the ADN2525 operates,
care should be taken when designing the PCB layout to obtain
optimum performance. Controlled impedance transmission
lines must be used for the high speed signal paths. The length
of the transmission lines must be kept to a minimum to reduce
losses and pattern-dependent jitter. The PCB layout must be
symmetrical, both on the DATAP, DATAN inputs, and on the
IMODP, IMODN outputs, to ensure a balance between the
differential signals. All VCC and GND pins must be connected
to solid copper planes by using low inductance connections.
When the connections are made through vias, multiple vias can
be connected in parallel to reduce the parasitic inductance.
Each GND pin must be locally decoupled with high quality
capacitors. If proper decoupling cannot be achieved using a
single capacitor, the user can use multiple capacitors in parallel
for each GND pin. A 20 µF tantalum capacitor must be used as
general decoupling capacitor for the entire module. For
guidelines on the surface-mount assembly of the ADN2525,
consult the Amkor Technology® application note “Application
Notes for Surface Mount Assembly of Amkor’s
MicroLeadFrame® (MLF) Packages.”
MSET
NC1
ALS
GND
BSET IBMON IBIAS
GND
VCC
DATAP
DATAN
VCC
VCC
IMODP
IMODN
VCC
DATAP
DATAN
C1
C2
MSET
BSET
R5
1k
Ω
ADN2525
Z0 = 50Ω
Z0 = 25Ω
Z0 = 25Ω
Z0 = 50Ω
GND
VCC
GND
VCC
TOSA
C4
C7
20
µF
L2
L1
R1
+3.3V
VCC
VCC
VCC
VCC
VCC
TP1
C5
10nF
GND
GND
VCC
C6
10nF
GND
ALS
L7
L8
R4
L6
L5
R3
VCC
L3
L4
R2
VCC
Z0 = 25Ω
Z0 = 25Ω
C3
GND
Figure 33. Typical ADN2525 Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com