Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2525ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADN2525ACPZ-R2
Description  10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2525ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN2525ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADN2525
Rev. 0 | Page 10 of 16
The equivalent circuits of the BSET, IBIAS, and IBMON pins
are shown in Figure 20, Figure 21, and Figure 22.
VCC
BSET
VCC
800
Ω
200
Ω
Figure 20. Equivalent Circuit of the BSET Pin
2
Ω
2k
Ω
100
Ω
IBIAS
VCC
VCC
Figure 21. Equivalent Circuit of the IBIAS Pin
VCC
IBMON
VCC
100
Ω
500
Ω
VCC
Figure 22. Equivalent Circuit of the IBMON Pin
The recommended configuration for BSET, IBIAS, and IBMON
is shown in Figure 23.
ADN2525
BSET
VBSET
GND
IBMON
IBIAS
TO LASER CATHODE
L
RIBMON
1k
Ω
IBIAS
Figure 23. Recommended Configuration for BSET, IBIAS, and IBMON Pins
The circuit used to drive the BSET voltage must be able to drive
the 1 kΩ input resistance of the BSET pin. For proper operation
of the bias current source, the voltage at the IBIAS pin must be
between the compliance voltage specifications for this pin over
supply, temperature, and bias current range. See the Specifications
table. The maximum compliance voltage is specified for only
two bias current levels (10 mA and 100 mA), but it can be
calculated for any bias current by using the following equation:
VCOMPLIANCE_MAX(V) = VCC(V) − 0.75 − 4.4 × IBIAS(A)
See the Applications Information section for example headroom
calculations.
The function of the inductor L is to isolate the capacitance of
the IBIAS output from the high frequency signal path. For
recommended components, see Table 5.
AUTOMATIC LASER SHUTDOWN (ALS)
The ALS pin is a digital input that enables/disables both the bias
and modulation currents, depending on the logic state applied,
as shown in Table 4.
Table 4.
ALS Logic State
IBIAS and IMOD
High
Disabled
Low
Enabled
Floating
Enabled
The ALS pin is compatible with 3.3 V CMOS and TTL logic
levels. Its equivalent circuit is shown in Figure 24.
VCC
ALS
VCC
100
Ω
50k
Ω
2k
Ω
Figure 24. Equivalent Circuit of the ALS Pin
MODULATION CURRENT
The modulation current can be controlled by applying a dc
voltage to the MSET pin. This voltage is converted into a dc
current by using a voltage-to-current converter using an
operational amplifier and a bipolar transistor as shown in
Figure 25.
50
Ω
IMOD
200
Ω
800
Ω
MSET
GND
IMODP
IMODN
ADN2525
VCC
FROM INPUT STAGE
Figure 25. Generation of Modulation Current on the ADN2525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com