Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2525ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADN2525ACPZ-R2
Description  10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2525ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADN2525ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADN2525
Rev. 0 | Page 14 of 16
DESIGN EXAMPLE
This design example covers
• Headroom calculations for IBIAS, IMODP, and IMODN pins.
• Calculation of the typical voltage required at the BSET and
MSET pins in order to produce the desired bias and
modulation currents.
This design example assumes that the resistance of the TOSA is
25 Ω, the forward voltage of the laser at low current is VF = 1 V,
IBIAS = 40 mA, IMOD = 60 mA, and VCC = 3.3 V.
Headroom Calculations
To ensure proper device operation, the voltages on the IBIAS,
IMODP, and IMODN pins must meet the compliance voltage
specifications in Table 1.
Considering the typical application circuit shown in Figure 33,
the voltage at the IBIAS pin can be written as
VIBIAS = VCC − VF − (IBIAS × RTOSA) − VLA
where:
VCC is the supply voltage.
VF is the forward voltage across the laser at low current.
RTOSA is the resistance of the TOSA.
VLA is the dc voltage drop across L5, L6, L7, and L8.
VLB is the dc voltage drop across L1, L2, L3, and L4.
For proper operation, the minimum voltage at the IBIAS pin
should be greater than 0.6 V, as specified by the minimum
IBIAS compliance specification in Table 1.
Assuming that the voltage drop across the 25 Ω transmission
lines is negligible and that VLA =0 V, VF = 1 V, IBIAS = 40 mA,
VIBIAS = 3.3 − 1 − (0.04 × 25) = 1.3 V
VIBIAS = 1.3 V > 0.6 V, which satisfies the requirement.
The maximum voltage at the IBIAS pin must be less than the
maximum IBIAS compliance specification as described by the
following equation:
VCOMPLIANCE_MAX = VCC − 0.75 − 4.4 × IBIAS(A)
For this example:
VCOMPLIANCE_MAX = VCC – 0.75 − 4.4 × 0.04 = 2.53 V
VIBIAS = 1.3 V < 2.53 V, which satisfies the requirement.
To calculate the headroom at the modulation current pins
(IMODP, IMODN), the voltage has a dc component equal to
VCC due to the ac-coupled configuration and a swing equal to
IMOD × 25 Ω. For proper operation of the ADN2525, the
voltage at each modulation output pin should be within the
normal operation region shown in Figure 30.
Assuming VLB = 0 V and IMOD = 60 mA, the minimum voltage
at the modulation output pins is equal to
VCC − (IMOD × 25)/2 = VCC − 0.75
VCC − 0.75 > VCC − 1.1 V, which satisfies the requirement.
The maximum voltage at the modulation output pins is equal to
VCC + (IMOD × 25)/2 = VCC + 0.75
VCC + 0.75 < VCC + 1.1 V, which satisfies the requirement.
Headroom calculations must be repeated for the minimum and
maximum values of the required IBIAS and IMOD ranges to
ensure proper device operation over all operating conditions.
BSET and MSET Pin Voltage Calculation
To set the desired bias and modulation currents, the BSET and
MSET pins of the ADN2525 must be driven with the appropriate
dc voltage. The voltage range required at the BSET pin to generate
the required IBIAS range can be calculated using the BSET
voltage to IBIAS gain specified in Table 1. Assuming that IBIAS
= 40 mA and the typical IBIAS/VBSET ratio of 100 mA/V, the
BSET voltage is given by
V
4
.
0
100
40
mA/V
100
(mA)
=
=
= IBIAS
VBSET
The BSET voltage range can be calculated using the required
IBIAS range and the minimum and maximum BSET voltage to
IBIAS gain values specified in Table 1.
The voltage required at the MSET pin to produce the desired
modulation current can be calculated using
K
IMOD
VMSET =
where K is the MSET voltage to IMOD ratio.
The value of K depends on the actual resistance of the TOSA.
It can be read using the plot shown in Figure 29. For a TOSA
resistance of 25 Ω, the typical value of K = 120 mA/V. Assuming
that IMOD = 60 mA and using the preceding equation, the
MSET voltage is given by
V
5
.
0
120
60
mA/V
120
(mA)
=
=
=
IMOD
V
MSET
The MSET voltage range can be calculated using the required
IMOD range and the minimum and maximum K values. These
can be obtained from the minimum and maximum curves in
Figure 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com