Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2525ACPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADN2525ACPZ-R2
Description  10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2525ACPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN2525ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADN2525ACPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADN2525
Rev. 0 | Page 8 of 16
FREQUENCY (GHz)
15
0123456789
10 11 12 13 14
0
–40
–35
–30
–25
–20
–15
–10
–5
Figure 11. Differential |S22|
RISE TIME (ps)
30
23
24
25
26
27
28
29
16
10
12
14
6
8
4
2
0
Figure 12. Worst-Case Rise Time Distribution
(VCC = 3.07 V, IBIAS = 100 mA, IMOD = 80 mA, TA = 85°C)
FALL TIME (ps)
30
23
24
25
26
27
28
29
16
10
12
14
8
6
4
2
0
Figure 13. Worst-Case Fall Time Distribution
(VCC = 3.07 V, IBIAS = 100 mA, IMOD = 80 mA, TA = 85°C)
(ACQ LIMIT TEST) WAVEFORMS: 1000
Figure 14. Electrical Eye Diagram
(10.7 Gbps, PRBS31, IMOD = 80 mA)
Figure 15. Filtered SONET OC192 Optical Eye Diagram (for reference)
(PRBS31 Pattern, Pav = −2 dBm, ER = 7 dB,
17% Mask Margin, NEC NX8341UJ TOSA)
Figure 16. Filtered 10G Ethernet Optical Eye
(PRBS31 Pattern, Pav =
−2 dBm, ER = 5 dB,
41% Mask Margin, NEC NX8341UJ TOSA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com