Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378E Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP3378E
Description  4-Channel WLED Controller with High-Efficiency Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378E Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP3378E Datasheet HTML 14Page - Monolithic Power Systems MP3378E Datasheet HTML 15Page - Monolithic Power Systems MP3378E Datasheet HTML 16Page - Monolithic Power Systems MP3378E Datasheet HTML 17Page - Monolithic Power Systems MP3378E Datasheet HTML 18Page - Monolithic Power Systems MP3378E Datasheet HTML 19Page - Monolithic Power Systems MP3378E Datasheet HTML 20Page - Monolithic Power Systems MP3378E Datasheet HTML 21Page - Monolithic Power Systems MP3378E Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
MP3378E
– 4-CHANNEL WLED CONTROLLER WITH BUCK CONVERTER
MP3378E Rev. 1.02
www.MonolithicPower.com
18
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Selecting the Power MOSFET
The critical parameters for selecting a MOSFET
are listed below:
1. Maximum drain-to-source voltage, VDS(MAX).
2. Maximum current, ID(MAX).
3. On-resistance, RDS(ON).
4. Gate source charge (QGS) and gate drain
charge (QGD).
5. Total gate charge (QG).
Ideally, the off-state voltage across the MOSFET
is equal to the output voltage. Considering the
voltage spike when it turns off, VDS(MAX) should be
greater than 1.5 times the output voltage.
The
maximum
current
through
the
power
MOSFET occurs at the minimum input voltage
and the maximum output power. The maximum
RMS current through the MOSFET is given by
Equation (7) and Equation (8):
RMS(MAX)
IN1(MAX)
MAX
I
I
D

, where:
(7)
OUT1
IN1(MIN)
MAX
OUT1
VV
D
V
(8)
The current rating of the MOSFET should be
greater than 1.5xIRMS.
The on resistance of the MOSFET determines
the conduction loss, which is given by Equation
(9):
k
R
I
P
(on)
DS
2
RMS
cond
(9)
Where k is the temperature coefficient of the
MOSFET.
The switching loss is related to QGD and QGS1,
which determine the commutation time. QGS1 is
the charge between the threshold voltage and
the plateau voltage when a driver charges the
gate, which can be read in the VGS vs QG chart of
the MOSFET datasheet. QGD is the charge during
the plateau voltage. These two parameters are
needed to estimate the turn-on and turn-off
losses and can be calculated with Equation (10):
SW1
IN1
DS
PLT
DR
GD
SW1
IN1
DS
TH
DR
G
GS1
I
V
V
V
R
Q
I
V
V
V
R
Q
f
f
P
G
SW
(10)
Where VTH is the threshold voltage, VPLT is the
plateau voltage, RG is the gate resistance, and
VDS is the drain source voltage. Please note that
calculating the switching loss is the most difficult
part in the loss estimation. The formula above is
a simplified equation. For a more accurate
estimation, the equation becomes much more
complex.
The total gate charge (QG) is used to calculate
the gate drive loss. See Equation (11):
DR
G
DR
SW1
P
Q
V
f
(11)
Where VDR is the drive voltage.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures feedback loop stability.
The output capacitor impedance must be low at
the switching frequency. Ceramic capacitors with
X7R dielectrics are recommended for their low
ESR characteristics. For most applications, a
4.7
μF ceramic capacitor in parallel with a 22μF
electrolytic capacitor is sufficient.
Setting the Over-Voltage Protection
The open-string protection is achieved through
the detection of the voltage on OVP. In some
cases, an LED string failure results in a feedback
voltage of zero. The part then boosts the output
voltage higher and higher. If the output voltage
reaches the programmed OVP threshold, the
protection will be triggered.
To ensure the chip functions properly, select the
resistor values for the OVP resistor divider to
provide
an
appropriate
set
voltage.
The
recommended OVP point is about 1.1 to 1.2
times higher than the output voltage for normal
operation. See Equation (12):
HIGH
OVP
LOW
R
V
1.23
(1
)
R
(12)
Selecting the Dimming Control Mode
Two different dimming methods are provided:
1. Direct PWM Dimming
An external PWM dimming signal is employed to
achieve PWM dimming control. Apply a PWM
dimming signal (ranging from 100Hz to 20kHz) to
PWM. The minimum recommended amplitude of
the PWM signal is 1.5V, and the low level should
be less than 0.4V (see Table 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com