Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378E Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3378E
Description  4-Channel WLED Controller with High-Efficiency Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378E Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3378E Datasheet HTML 7Page - Monolithic Power Systems MP3378E Datasheet HTML 8Page - Monolithic Power Systems MP3378E Datasheet HTML 9Page - Monolithic Power Systems MP3378E Datasheet HTML 10Page - Monolithic Power Systems MP3378E Datasheet HTML 11Page - Monolithic Power Systems MP3378E Datasheet HTML 12Page - Monolithic Power Systems MP3378E Datasheet HTML 13Page - Monolithic Power Systems MP3378E Datasheet HTML 14Page - Monolithic Power Systems MP3378E Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
MP3378E
– 4-CHANNEL WLED CONTROLLER WITH BUCK CONVERTER
MP3378E Rev. 1.02
www.MonolithicPower.com
11
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
20
BST
Bootstrap for buck converter. A capacitor and a 47
Ω resistor connected between SW
and BST are required to form a floating supply across the high-side switch driver.
21
SYNC
Synchronization for buck converter. Apply a clock signal with a frequency higher than
250KHz. The frequency of the buck converter can be synchronized by an external clock.
The internal clock
’s rising edge is synchronized to the external clock’s falling edge.
22
ISENSE
Current sense input for WLED controller. During normal operation, ISENSE senses
the voltage across the external inductor current-sensing resistor (RSENSE) for peak-
current-mode control and also limits the inductor current during every switching cycle.
23
GATE
Power switch gate output for WLED controller. GATE drives the external power
N-channel MOSFET device.
24
VIN1
Supply input for WLED controller.
25
VCC1
Internal 6V linear regulator output for WLED controller. VCC1 provides a power
supply for the external MOSFET switch gate driver and the internal control circuitry.
Bypass VCC1 to GND with a ceramic capacitor.
26
COMP
Error amplifier output of WLED controller. Connect a capacitor and a resistor in
series to make the boost converter loop stable.
27
EN1
Enable input for WLED controller.
28
PWM
Input signal for PWM brightness control. The PWM pin should be used for dimming
and can not be used for turning on/off the WLED controller. Internally pull to GND if
PWM is floated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com