Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378E Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3378E
Description  4-Channel WLED Controller with High-Efficiency Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378E Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3378E Datasheet HTML 6Page - Monolithic Power Systems MP3378E Datasheet HTML 7Page - Monolithic Power Systems MP3378E Datasheet HTML 8Page - Monolithic Power Systems MP3378E Datasheet HTML 9Page - Monolithic Power Systems MP3378E Datasheet HTML 10Page - Monolithic Power Systems MP3378E Datasheet HTML 11Page - Monolithic Power Systems MP3378E Datasheet HTML 12Page - Monolithic Power Systems MP3378E Datasheet HTML 13Page - Monolithic Power Systems MP3378E Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
MP3378E
– 4-CHANNEL WLED CONTROLLER WITH BUCK CONVERTER
MP3378E Rev. 1.02
www.MonolithicPower.com
10
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
GND1
Ground for WLED controller.
2
OSC
Switching frequency set. Connect a resistor between OSC and GND to set the step-up
converter switching frequency. The voltage at OSC is regulated to 1.23V. The clock
frequency is proportional to the current sourced from OSC.
3
ISET
LED current set. Tie a current-setting resistor from ISET to ground to program the
current in each LED string. The ISET voltage is regulated to 1.225V. The LED current is
proportional to the current through the ISET resistor.
4
ADIM
Input for analog brightness control. The LED current amplitude is determined by
ADIM, and the input signal can be either a PWM signal or a DC voltage signal. An
internal RC filter (10M
Ω resistor and 100pF capacitor) is integrated into ADIM. If a PWM
signal is applied to ADIM, a >20kHz frequency is recommended for better PWM signal
filtering performance to ensure that the amplitude voltage is higher than 1.5V, and the
low-level voltage is less than 0.4V. For a DC signal input, apply a DC input signal
ranging from 0.41V to 1.49V to set the LED current linearly from minimum to full scale.
Internally pull to GND if ADIM is floated.
5
LED4
LED string 4 current input. LED4 is the open-drain output of an internal dimming
control switch. Connect the LED string 4 cathode to LED4.
6
LED3
LED string 3 current input. LED3 is the open-drain output of an internal dimming
control switch. Connect the LED string 3 cathode to LED3.
7
LED2
LED string 2 current input. LED2 is the open-drain output of an internal dimming
control switch. Connect the LED string 2 cathode to LED2.
8
LED1
LED string 1 current input. LED1 is the open-drain output of an internal dimming
control switch. Connect the LED string 1 cathode to LED1.
9
OVP
Over-voltage protection input. Connect a resistor divider from the output to OVP to
program the OVP threshold.
10, 11
NC
Not connected.
12
FB
Buck converter feedback. An external resistor divider from the output to AGND tapped
to FB sets the output voltage. To prevent current-limit runaway during a short-circuit fault
condition, the frequency foldback comparator lowers the oscillator frequency when the
FB voltage is below 400mV.
13
EN2
Buck converter enable. Pull EN2 high to enable the buck converter.
14
VCC2
Bias supply for buck converter. Decouple with a 0.1
μF-0.22μF capacitor. The
capacitance should be no more than 0.22
μF.
15
VIN2
Supply voltage input for buck converter. A ceramic capacitor is needed to decouple
the input rail. Use a wide PCB trace to make the connection.
16
SW
Switch output for buck converter. Use a wide PCB trace to make the connection.
17, 18
GND2
Ground for buck converter.
19
AGND
Analog ground for buck converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com