Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378E Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3378E
Description  4-Channel WLED Controller with High-Efficiency Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378E Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3378E Datasheet HTML 1Page - Monolithic Power Systems MP3378E Datasheet HTML 2Page - Monolithic Power Systems MP3378E Datasheet HTML 3Page - Monolithic Power Systems MP3378E Datasheet HTML 4Page - Monolithic Power Systems MP3378E Datasheet HTML 5Page - Monolithic Power Systems MP3378E Datasheet HTML 6Page - Monolithic Power Systems MP3378E Datasheet HTML 7Page - Monolithic Power Systems MP3378E Datasheet HTML 8Page - Monolithic Power Systems MP3378E Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
MP3378E
– 4-CHANNEL WLED CONTROLLER WITH BUCK CONVERTER
MP3378E Rev. 1.02
www.MonolithicPower.com
2
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION
VCC1
COMP
EN1
OSC
ADIM
ISET
MP3378
E
25
26
27
2
4
3
C1
L1
VIN
C2
C3
R10
R9
VIN1
24
PWM
28
R3
GATE
ISENSE
GND1
OVP
LED1
LED2
LED3
LED4
D1
22
1
9
8
7
6
5
R4
C4
R2
VIN2
SYNC
VCC2
EN2
FB
AGND
BST
SW
VIN
C6
0.1µF
5V
R5
47Ω
C7
0.1µF
R7
40.2k
R8
7.5k
51k
R6
L2 10µH
23
14
12
13
15
16
20
21
19
C4
22µF
M1
R1
C5
66µF
GND2
17, 18
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com