Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378E Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3378E
Description  4-Channel WLED Controller with High-Efficiency Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378E Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3378E Datasheet HTML 10Page - Monolithic Power Systems MP3378E Datasheet HTML 11Page - Monolithic Power Systems MP3378E Datasheet HTML 12Page - Monolithic Power Systems MP3378E Datasheet HTML 13Page - Monolithic Power Systems MP3378E Datasheet HTML 14Page - Monolithic Power Systems MP3378E Datasheet HTML 15Page - Monolithic Power Systems MP3378E Datasheet HTML 16Page - Monolithic Power Systems MP3378E Datasheet HTML 17Page - Monolithic Power Systems MP3378E Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MP3378E
– 4-CHANNEL WLED CONTROLLER WITH BUCK CONVERTER
MP3378E Rev. 1.02
www.MonolithicPower.com
14
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
For analog dimming, either a PWM signal or a
DC signal can be applied to ADIM.
When a PWM signal is applied to ADIM, this
signal is filtered by the internal RC filter. The
LED current amplitude is equal to ISET*DDIM,
where DDIM is the duty cycle of the PWM
dimming signal, and ISET is the LED current
amplitude. A 20kHz or higher PWM signal is
recommended for better filtering performance.
When a DC signal is applied to ADIM, the
voltage ranging from 0.41V to 1.49V sets the
LED current linearly from minimum to full scale
directly.
Open-String Protection
Open-string protection is achieved through OVP
and LEDX (1 to 4). If one or more strings are
open, the respective LEDXs are pulled to
ground,
and
the
WLED
controller
keeps
charging the output voltage until it reaches the
over-voltage protection (OVP) threshold. If the
OVP point has been triggered for >4µs, the
WLED controller stops switching and marks off
the strings which have an LEDX voltage lower
than 190mV. Once marked off, the remaining
LED strings force the output voltage back into
tight regulation. The string with the largest
voltage drop determines the output regulation. If
all strings are open, the WLED controller shuts
down until the WLED controller resets.
Short-String Protection
The WLED
controller
monitors
the
LEDX
voltages to determine if a short-string fault has
occurred. If one or more strings are shorted, the
respective LEDXs tolerate high-voltage stress.
If an LEDX voltage is higher than 6.3V, this
condition triggers the detection of a short string.
When a short-string fault (LEDX over-voltage
fault) remains for 4,096 switching cycles, the
fault string is marked off and disabled. Once a
string is marked off, it disconnects from the
output voltage loop. The marked LED strings
shut off completely until the boost part restarts.
In order to prevent mistriggering the short LED
protection when opening the LED string or
sharp ADIM, the short LED protection function
is disabled when the VLEDXs of all used LED
channels are higher than 1.5V.
Inductor/Diode Short Protection
To prevent WLED controller and external
MOSFET
damage
when
the
external
inductor/diode is shorted, the protection mode
operates in two methods.
When the inductor/diode is shorted, the output
cannot maintain enough energy to load the LED,
and the output voltage drops. Thus, the COMP
(error amplifier output) voltage rises until it can
be clamped high. If it lasts longer than 512
switching cycles, the WLED controller turns off
and latches.
However, in some cases, the COMP voltage
cannot
be
clamped
to
high
when
the
inductor/diode is shorted. The WLED controller
provides a protection mode by detecting the
current flowing through the power MOSFET. In
this mode, when the current senses voltage
across the sense resistor (connected between
MOSFET and GND) and hits the VLMT limit
value (lasting for 4 switching cycles), the WLED
controller turns off and latches.
Thermal Shutdown Protection
To prevent the WLED controller from operating
at exceedingly high temperatures, a thermal
shutdown is implemented in this chip and
monitors the silicon die temperature. When the
die temperature exceeds the upper threshold
(TST), the WLED controller shuts down. It
returns to normal operation when the die
temperature drops below the lower threshold.
Typically, the hysteresis value is 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com