Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378E Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3378E
Description  4-Channel WLED Controller with High-Efficiency Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378E Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3378E Datasheet HTML 1Page - Monolithic Power Systems MP3378E Datasheet HTML 2Page - Monolithic Power Systems MP3378E Datasheet HTML 3Page - Monolithic Power Systems MP3378E Datasheet HTML 4Page - Monolithic Power Systems MP3378E Datasheet HTML 5Page - Monolithic Power Systems MP3378E Datasheet HTML 6Page - Monolithic Power Systems MP3378E Datasheet HTML 7Page - Monolithic Power Systems MP3378E Datasheet HTML 8Page - Monolithic Power Systems MP3378E Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP3378E
4-Channel WLED Controller
with High-Efficiency Buck Converter
MP3378E Rev. 1.02
www.MonolithicPower.com
1
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP3378E is a one-chip solution specially
designed
for
monitor
applications.
The
MP3378E includes a step-up WLED controller
with four current channels for backlighting, and
a high-efficiency buck converter for internal bus
voltage or standby power.
The 4-string WLED controller drives an external
MOSFET to boost up the output voltage from
the input supply. It regulates the current in each
LED string to the programmed value set by an
external current setting resistor. It supports both
analog and PWM dimming independently to
meet special dimming mode requests. Full
protection features for the WLED controller
include OCP, OTP, UVP, OVP, LED short/open
protection, and inductor/diode short protection.
The high-efficiency buck converter operates in
the current mode operation with a built-in
MOSFET and a built-in synchronous rectifier. It
offers a very compact solution to achieve
excellent
load
and
line
regulation.
Full
protection features for the buck converter
include OCP and thermal shutdown.
The MP3378E is available in a TSSOP-28 EP
package.
FEATURES
WLED Controller:
 4-String,
Max
350mA/String,
WLED
Controller
 Up to 24V Input Voltage Range
 2.5% Current Matching Accuracy
 Programmable Switching Frequency
 PWM and Analog Dimming Mode
 LED Open and Short Protection
 Programmable Over-Voltage Protection
 Recoverable Thermal Shutdown Protection
 Over-Current Protection
 Over-Temperature Protection
 Inductor/Diode Short Protection
Buck Converter:
 144mΩ/80mΩ Low R
DS(ON)
Internal Power
MOSFETs
 Low Quiescent Current
 Fixed 235kHz Switching Frequency
 Frequency Sync from 250kHz to 2MHz
 External Clock
 Internal Soft Start
 OCP and Hiccup Mode
 Over-Temperature Protection
 Output Adjustable from 0.8V
APPLICATIONS
 Desktop LCD Flat Panel Displays
 Flat Panel Video Displays
 2D/3D LCD TVs and Monitors
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP3378E

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3378EGF MPS-MP3378EGF Datasheet
565Kb / 8P
4-Channel WLED Controller With High-Efficiency Buck Converter Evalution Board
More results

Similar Description - MP3378E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3780 LINER-LTC3780 Datasheet
421Kb / 28P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
logo
Micrel Semiconductor
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
High Efficiency 2 Channel WLED Driver with PWM Control
logo
Linear Technology
LTC3780EG LINER-LTC3780EG Datasheet
556Kb / 30P
High Efficiency, Synchronous,4-Switch Buck-Boost Controller
LTC3780 LINER-LTC3780_15 Datasheet
629Kb / 30P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789_15 Datasheet
535Kb / 30P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
logo
Dialog Semiconductor
PV88090 DIALOG-PV88090 Datasheet
1Mb / 42P
High Efficiency 3-Channel Buck Converter with dual LDO
logo
Monolithic Power System...
MP3378 MPS-MP3378 Datasheet
1Mb / 25P
24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
EV3378E-F-00A MPS-EV3378E-F-00A Datasheet
565Kb / 8P
4-Channel WLED Controller With High-Efficiency Buck Converter Evalution Board
EV3378-S-00A MPS-EV3378-S-00A Datasheet
356Kb / 8P
4 Strings, Step Up WLED Controller Plus High Efficiency Step down Converter
logo
Renesas Technology Corp
PV88090 RENESAS-PV88090 Datasheet
1Mb / 43P
High Efficiency 3-Channel Buck Converter with dual LDO
04-Aug-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com