Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 357 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 357 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 353Page - STMicroelectronics STR720RBQ6 Datasheet HTML 354Page - STMicroelectronics STR720RBQ6 Datasheet HTML 355Page - STMicroelectronics STR720RBQ6 Datasheet HTML 356Page - STMicroelectronics STR720RBQ6 Datasheet HTML 357Page - STMicroelectronics STR720RBQ6 Datasheet HTML 358Page - STMicroelectronics STR720RBQ6 Datasheet HTML 359Page - STMicroelectronics STR720RBQ6 Datasheet HTML 360Page - STMicroelectronics STR720RBQ6 Datasheet HTML 361Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 401 page
background image
STR720 - MISCELLANEA REGISTERS (GCR - CGC - AHB_ERR)
357/401
CGC Peripheral Clock Gating register 2 (CGC-PCG2)
Address: 0xF000_2C0C
Reset value: 0x0000
This register configures clock gating for each specific clock signal used by some blocks
requiring dedicated clocks for their operations. Each dedicated clock signal is delivered to the
related peripheral only when its corresponding gating bit is cleared.
Bits 15:3 = Reserved. These bits must be always written to 0.
Bits 2:1 = DxCO: Dedicated peripheral x Clock Off
0: Peripheral x dedicated clock is gated off and the block kernel is not clocked.
1: Peripheral x dedicated clock is delivered.
Bit 0 = Reserved. This bit must be always written to 0.
The following table lists the correspondence between each dedicated peripheral clock and the
CGC-PCG2 register bits along with their reset value.
15
14
13
12
11
10
9
8
765432
1
0
Reserved
D2CO
D1CO
Res.
-rw
rw
-
Table 77. CGC-PCG2 bit assignment
CGC-PCG2
Bit
Affected
peripheral
Reset
status
D1CO
ATAPI-Kernel
Off
D2CO
USB-Kernel
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com