Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 358 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 358 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 354Page - STMicroelectronics STR720RBQ6 Datasheet HTML 355Page - STMicroelectronics STR720RBQ6 Datasheet HTML 356Page - STMicroelectronics STR720RBQ6 Datasheet HTML 357Page - STMicroelectronics STR720RBQ6 Datasheet HTML 358Page - STMicroelectronics STR720RBQ6 Datasheet HTML 359Page - STMicroelectronics STR720RBQ6 Datasheet HTML 360Page - STMicroelectronics STR720RBQ6 Datasheet HTML 361Page - STMicroelectronics STR720RBQ6 Datasheet HTML 362Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 401 page
background image
STR720 - MISCELLANEA REGISTERS (GCR - CGC - AHB_ERR)
358/401
CGC Peripheral Under Reset register 2 (CGC-PUR2)
Address: 0xF000_2C10
Reset value: 0x0000
This register configures the reset line status for each of the peripheral kernels requiring a
dedicated clock. Each peripheral can be used only when its corresponding reset line is not
active.
Bit 15:2 = Reserved. These bits must be always written to 0.
Bit 1 = D1UR: Dedicated peripheral 1 Under Reset
0: Peripheral 1 is under reset.
1: Peripheral 1 is operating normally.
Bit 0 = Reserved. This bit must be always written to 0.
The following table lists the correspondence between each controlled peripheral and the
CGC-PUR2 register bits along with their reset value.
15
14
13
12
11
10
9
8
765432
1
0
Reserved
D1UR
Res.
-rw
-
Table 78. CGC-PUR2 bit assignment
CGC-PUR2
Bit
Affected
peripheral
Reset
status
D1UR
ATAPI-Kernel
Under reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com