Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 362 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 362 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 358Page - STMicroelectronics STR720RBQ6 Datasheet HTML 359Page - STMicroelectronics STR720RBQ6 Datasheet HTML 360Page - STMicroelectronics STR720RBQ6 Datasheet HTML 361Page - STMicroelectronics STR720RBQ6 Datasheet HTML 362Page - STMicroelectronics STR720RBQ6 Datasheet HTML 363Page - STMicroelectronics STR720RBQ6 Datasheet HTML 364Page - STMicroelectronics STR720RBQ6 Datasheet HTML 365Page - STMicroelectronics STR720RBQ6 Datasheet HTML 366Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 401 page
background image
STR720 - MISCELLANEA REGISTERS (GCR - CGC - AHB_ERR)
362/401
AHB Error Faulty Address (AERR_FA)
Address: 0xF000_3008
Reset value: 0x0000_0000
This register stores the address of the location whose access caused the AHB error response
to be generated. When an AHB error is detected, the address of the faulty location is saved
into this register and the AE_P bit in AERR_P register is set, causing a FIQ interrupt request
to be issued if AE_M bit in AERR_M register is set as well. As long as the AE_P bit is not clear
by application software, this register will keep the stored address even if further AHB error
response occur. This is a read-only register.
Bits 31:0 = AERR_FA: AHB Error Faulty Address
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
AERR_FA[31:0]
r
15
14
13
12
11
10
9
8
765432
1
0
AERR_FA[31:0]
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com