Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 360 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 360 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 356Page - STMicroelectronics STR720RBQ6 Datasheet HTML 357Page - STMicroelectronics STR720RBQ6 Datasheet HTML 358Page - STMicroelectronics STR720RBQ6 Datasheet HTML 359Page - STMicroelectronics STR720RBQ6 Datasheet HTML 360Page - STMicroelectronics STR720RBQ6 Datasheet HTML 361Page - STMicroelectronics STR720RBQ6 Datasheet HTML 362Page - STMicroelectronics STR720RBQ6 Datasheet HTML 363Page - STMicroelectronics STR720RBQ6 Datasheet HTML 364Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 401 page
background image
STR720 - MISCELLANEA REGISTERS (GCR - CGC - AHB_ERR)
360/401
24.5 AHB Error detection block description
Due to the specific implementation of ARM720T AHB interface, any AHB transfer resulting in
an error response from the addressed slave, is not detected directly by the core. Detecting
these events is particularly helpful during application software debug, when due to an
incorrect configuration some inconsistent memory access can be attempted. In order to
detected these events a specific block is implemented, which monitors AHB activity and
generates a FIQ request to the core, storing the value of the address which caused the error
response to be triggered. Here are the few registers by which this block operation can be
configured and used.
AHB Error Pending (AERR_P)
Address: 0xF000_3000
Reset value: 0x0000_0000
This register stores the pending bit which is set by hardware at the occurrence of an AHB
error. The register is read-clear in the sense that application software can only write ‘0’ into
this bit, to acknowledge the detected error and re-enable AHB bus monitoring. Writing ‘1’ into
this register has no effect.
Bits 31:1 = Reserved. These bits must be always written to 0.
Bit 0 = AE_P: AHB Error Pending
0: No AHB error detected.
1: An AHB transfer resulted into an error response.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
-
15
14
13
12
11
10
9
8
765432
1
0
Reserved
AE_P
-rc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com