Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 367 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 367 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 363Page - STMicroelectronics STR720RBQ6 Datasheet HTML 364Page - STMicroelectronics STR720RBQ6 Datasheet HTML 365Page - STMicroelectronics STR720RBQ6 Datasheet HTML 366Page - STMicroelectronics STR720RBQ6 Datasheet HTML 367Page - STMicroelectronics STR720RBQ6 Datasheet HTML 368Page - STMicroelectronics STR720RBQ6 Datasheet HTML 369Page - STMicroelectronics STR720RBQ6 Datasheet HTML 370Page - STMicroelectronics STR720RBQ6 Datasheet HTML 371Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 401 page
background image
STR720 - POWER REDUCTION MODES
367/401
25.2 IDLE Mode
In this operating mode, main system clock is derived from CLK input dividing it by 32. In this
way the whole system can still evolve, although at a very low rate, but power consumption will
be greatly reduced. Any setting for A-APB and ATAPI clock generation remains unchanged
even if proper operation of the peripheral subsystem cannot be maintained due to the reduced
operating frequency.
Application software can switch off any peripheral not required in this operating mode as
much as disabling the PLL (see Section 13.3.2: PLL Management on page 140) and any
other analog part whose functionality is not required. If for example an external clock of
16 MHz is applied to CLK input, activating this operating mode results in a system frequency
(AHB/S-APB clock) being either 250 kHz or 500 kHz, depending if DIV2 multiplexer is enabled
or not.
No particular sequence must be used to enter or exit IDLE mode since interrupt detection is
always active; only the external SDRAM banks should be put in self-refresh mode before
entering IDLE mode, otherwise their contents will be lost due to the very long refresh interval.
Once in self-refresh mode, SDRAMC clock can be switched off safely.
25.3 SLOW Mode
In this operating mode, main system clock is taken directly from OSCIN pad, where the
32 kHz oscillator used to supply RTC is connected. In this way system operations are virtually
frozen due to the extremely low rate system frequency.
As it happens in IDLE mode, any setting for A-APB and ATAPI clocks is not affected by
entering in SLOW mode, so application software is responsible for switching off any part of the
system which is not strictly required, especially the analog parts: PLL, ADC and also clock
input receivers since main clock signal detection is not required in this mode, being based on
the 32 kHz oscillator.
Note
Before entering SLOW mode the A-APB clock frequency should be set to be AHB
clock divided by 2 if the watchdog is configured to use the external low frequency
clock source due to internal synchronization requirements of this clock signal which
is derived from the same 32 kHz oscillator.
It must be noticed that when main clock is switched off also at the application board level,
particular care must be observed when generating internal reset events (watchdog or
software triggered) since the absence of that external clock prevents the correct
synchronization of the internal reset signal deassertion. As a consequence when main
external clock is switched off on the board, watchdog should be disabled or used as a plain
timer and no software reset should be issued, since in both cases the exit from these reset
events would not be properly synchronized. In case a software reset is required, main board
clock should be restarted before generating it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com