Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 368 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 368 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 364Page - STMicroelectronics STR720RBQ6 Datasheet HTML 365Page - STMicroelectronics STR720RBQ6 Datasheet HTML 366Page - STMicroelectronics STR720RBQ6 Datasheet HTML 367Page - STMicroelectronics STR720RBQ6 Datasheet HTML 368Page - STMicroelectronics STR720RBQ6 Datasheet HTML 369Page - STMicroelectronics STR720RBQ6 Datasheet HTML 370Page - STMicroelectronics STR720RBQ6 Datasheet HTML 371Page - STMicroelectronics STR720RBQ6 Datasheet HTML 372Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 401 page
background image
STR720 - POWER REDUCTION MODES
368/401
No other particular care must be used to enter or exit SLOW mode, although the same
consideration mentioned in IDLE mode section about external SDRAM banks and DRAMC
should be applied as well.
25.4 STOP Mode
When it is required that system configuration is preserved without feeding any clock to the
system, the STOP mode functionality can be used, where only RTC section remains clocked
and the rest of the system is completely frozen, thus reducing its consumption to the leakage
current only. Upon entering STOP mode, a specific sequence must be executed by application
software in order to leave the system in a state where consumption is minimum but it is still
possible to wake the system up without resetting it and thus altering previous data and
configuration. The code to enter STOP mode should be written according to the following
rough sequence:
1. Switch off operation of all analog sections.
2. Enter SLOW mode. As a consequence system clock is now 32 kHz.
3. Switch off PLL to remove its power consumption (see Section 13.3.2: PLL Management
on page 140).
4. Disable STOP mode, clearing bit STOP_EN in RCCU MSKCTL register, so that system
remains alive even after WIU block rises STOP mode request.
5. Mask wake-up request from CLK clock line, clearing bit 7 in WIU WUMR register. This is
to be sure that the CLK clock, which is still active at this time, cannot exit immediately from
STOP mode.
6. Issue the STOP sequence described in WIU section (See “WAKE-UP INTERRUPT UNIT
(WIU)” on page 70.). After this sequence is completed, the STOP_REQ signal is activated
so RCCU will be ready to stop main clock signal. External devices can be notified that
STR720 is about to enter STOP mode by using the alternate function associated to P3.7
pad, so that they can react accordingly, for example switching off CLK clock source.
7. If application does not require to use the activity on CLK clock line as wake-up event,
STOP mode could be entered now, jumping to step 9.
Otherwise it is necessary to poll bit 7 in WIU WUPR register, each time clearing the bit,
until it is read as ‘0’, meaning that no more activity is present on CLK clock line.
8. The wake-up request corresponding to CLK clock line can now be unmasked, setting to
‘1’ bit 7 in WIU WUMR register.
9. STOP mode can now be enabled, setting bit STOP_EN in RCCU MSKCTL register. From
now on main system clock is frozen.
Note
The change of PLL lock condition, associated to interrupt/wake-up line number 6,
cannot be used as wake-up event. Selecting this input as the only wake-up source
will stuck the system so as only a reset event can restore normal operations.
WARNING: Whenever a STOP request is issued to the system, a few clock cycles are needed
to actually enter STOP mode. Hence the execution of the instruction following the setting of
STOP_EN bit in RCCU might start before entering STOP mode (consider the ARM7
three-stage pipeline as well). In order to avoid to execute any valid instruction after a correct
STOP sequence and before entering the STOP mode, it is mandatory to execute a dummy set
of few instructions after the setting of STOP_EN bit. In particular at least six dummy
instructions (e.g. MOV R1, R1) shall be added after the end of STOP sequence. Again, if



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com