Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 371 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 371 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 367Page - STMicroelectronics STR720RBQ6 Datasheet HTML 368Page - STMicroelectronics STR720RBQ6 Datasheet HTML 369Page - STMicroelectronics STR720RBQ6 Datasheet HTML 370Page - STMicroelectronics STR720RBQ6 Datasheet HTML 371Page - STMicroelectronics STR720RBQ6 Datasheet HTML 372Page - STMicroelectronics STR720RBQ6 Datasheet HTML 373Page - STMicroelectronics STR720RBQ6 Datasheet HTML 374Page - STMicroelectronics STR720RBQ6 Datasheet HTML 375Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 401 page
background image
STR720 - SYSTEM RESET
371/401
26.3 JTRST Input Pin
This pin is used to initialize on-chip emulation and debug logic independently from the rest of
the system. To improve the noise immunity of this critical input pin, JTRST has a Schmitt
trigger input circuit with hysteresis and an on-chip RC filter is implemented, similar to the one
described for RESET input pin. The filter is sized to filter out all spikes shorter than 50 ns and
minimum JTRST pulse duration is recommended to be longer than 500 ns. This means that
all the pulses whose length is between 50 ns and 500 ns can either be filtered or recognized
as valid, depending on the operating conditions and process variations.
26.4 Power-on/off and Stand-by entry/exit
At power-on or Stand-by exit, it is recommended to held low RSTIN pin to guarantee a proper
initialization of STR720 system and avoid malfunctions of the RTC logic. In particular, when
VDD and VDD3 are still too low to allow the internal logic to work properly, the system must be
mantained under reset status, forcing a HW Reset through the RSTIN pin. In this way the
system sees a HW Reset and the flag register (CLK_FLAG in RCCU module) assumes the
corresponding configuration (all Reset flags cleared).
To avoid unpredictable current injection and power consumption, it is recommended to have
the VDD3 value always greater than VDD during the power-on phase, as illustrated in next
Figure 69 on page 371.
The distinction between power-on reset and hardware system reset consists in the fact that
typical hardware reset sequences do not affect Real-Time-Clock section, leaving RTC running
while rest of the system is restarted. This happens also when system enters and exit stand-by
mode. On the contrary a power-on reset will see both system and RTC section being
initialized. In order to distinguish between a power-on reset and a hardware system reset (or
Figure 69. Power-on supply sequence
VDD3
VDD
RSTIN
Reset pin driven low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com