Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6900CS5 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6900CS5
Description  Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900CS5 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6900CS5 Datasheet HTML 3Page - Linear Technology LTC6900CS5 Datasheet HTML 4Page - Linear Technology LTC6900CS5 Datasheet HTML 5Page - Linear Technology LTC6900CS5 Datasheet HTML 6Page - Linear Technology LTC6900CS5 Datasheet HTML 7Page - Linear Technology LTC6900CS5 Datasheet HTML 8Page - Linear Technology LTC6900CS5 Datasheet HTML 9Page - Linear Technology LTC6900CS5 Datasheet HTML 10Page - Linear Technology LTC6900CS5 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC6900
7
6900f
APPLICATIO S I FOR ATIO
Figure 3. Current Controlled Oscillator
V+
1
2
3
5
V+
0.1
µF
RSET
20k
VCONTROL
0V TO 1.1V
6900 F04
4
GND
N = 1
LTC6900
SET
OUT
DIV
+
–
10MHz
N
ƒOSC ≅
•
• 1 –
VCONTROL
1.1V
20k
RSET
()
TYPICAL fOSC ACCURACY
±0.5%, VCONTROL = 0V
±8%, VCONTROL = 0.5V
Figure 4. Voltage Controlled Oscillator
ALTERNATIVE METHODS OF SETTING THE OUTPUT
FREQUENCY OF THE LTC6900
The oscillator may be programmed by any method that
sources a current into the SET pin (Pin 3). The circuit in
Figure 3 sets the oscillator frequency using a program-
mable current source and in the expression for fOSC, the
resistor RSET is replaced by the ratio of 1.1V/ICONTROL. As
already explained in the “Theory of Operation,” the voltage
difference between V + and SET is approximately 1.1V,
therefore, the Figure 3 circuit is less accurate than if a
resistor controls the oscillator frequency.
Figure 4 shows the LTC6900 configured as a VCO. A
voltage source is connected in series with an external 20k
resistor. The output frequency, fOSC, will vary with
VCONTROL, that is the voltage source connected between
V+ and the SET pin. Again, this circuit decouples the
relationship between the input current and the voltage
between V+ and SET; the frequency accuracy will be
degraded. The oscillator frequency, however, will mono-
tonically increase with decreasing VCONTROL.
SELECTING THE DIVIDER SETTING AND RESISTOR
The LTC6900’s master oscillator has a frequency range
spanning 0.1MHz to 20MHz. However, accuracy may
suffer if the master oscillator is operated at greater than
10MHz with a supply voltage lower than 4V. A program-
mable divider extends the frequency range to greater than
three decades. Table 1 describes the recommended fre-
quencies for each divider setting. Note that the ranges
overlap; at some frequencies there are two divider/resistor
combinations that result in the desired frequency.
In general, any given oscillator frequency (fOSC) should be
obtained using the lowest master oscillator frequency.
Lower master oscillator frequencies use less power and
are more accurate. For instance, fOSC = 100kHz can be
obtained by either RSET = 20k, N = 100, master oscillator
= 10MHz or RSET = 200k, N = 10, master oscillator = 1MHz.
The RSET = 200k approach is preferred for lower power and
better accuracy.
Table 1. Frequency Range vs Divider Setting
DIVIDER SETTING
FREQUENCY RANGE
÷1
⇒
DIV (Pin 4) = GND
> 500kHz*
÷10
⇒
DIV (Pin 4) = Floating
50kHz to 1MHz
÷100 ⇒
DIV (Pin 4) = V+
< 100kHz
*At master oscillator frequencies greater than 10MHz (RSET < 20kΩ), the
LTC6900 may experience reduced accuracy with a supply voltage less than
4V.
After choosing the proper divider setting, determine the
correct frequency-setting resistor. Because of the linear
correspondence between oscillation period and resis-
tance, a simple equation relates resistance with frequency.
Rk
MHz
Nf
SET
OSC
=



20
10
100
10
1
•
•
, N =
(RSETMIN = 10k, RSETMAX = 2M)
Any resistor, RSET, tolerance adds to the inaccuracy of the
oscillator, fOSC.
V+
1
2
3
5
182kHz TO 18MHz (TYPICALLY
±8%)
V+
0.1
µF
ICONTROL
1
µA TO 100µA
6900 F03
4
GND
N = 1
LTC6900
SET
OUT
DIV
10MHz
N
ƒOSC ≅
•• ICONTROL
ICONTROL EXPRESSED IN (A)
20k
Ω
1.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com