Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6900CS5 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6900CS5
Description  Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900CS5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6900CS5 Datasheet HTML 4Page - Linear Technology LTC6900CS5 Datasheet HTML 5Page - Linear Technology LTC6900CS5 Datasheet HTML 6Page - Linear Technology LTC6900CS5 Datasheet HTML 7Page - Linear Technology LTC6900CS5 Datasheet HTML 8Page - Linear Technology LTC6900CS5 Datasheet HTML 9Page - Linear Technology LTC6900CS5 Datasheet HTML 10Page - Linear Technology LTC6900CS5 Datasheet HTML 11Page - Linear Technology LTC6900CS5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC6900
10
6900f
APPLICATIO S I FOR ATIO
Once RIN/RSET is known, calculate RSET from:
R
MHz
N
k
f
VV
V
R
R
V
R
R
SET
OSC MAX
IN MAX
RES
IN
SET
RES
IN
SET
=
−
()++




+
10
20
1
••
()
()
(3)
Example 1:
In this example, the oscillator output frequency has small
excursions. This is useful where the frequency of a system
should be tuned around some nominal value.
Let V+ = 3V, fOSC(MAX) = 2MHz for VIN(MAX) = 3V and
fOSC(MIN) = 1.5MHz for VIN = 0V. Solve for RIN/RSET by
Equation (2), yielding RIN/RSET = 9.9/1. RSET = 110.1k by
Equation (4). RIN = 9.9RSET = 1.089M. For standard
resistor values, use RSET = 110k (1%) and RIN = 1.1M
(1%). Figure 10 shows the measured fOSC vs VIN. The
1.5MHz to 2MHz frequency excursion is quite limited, so
the curve of fOSC vs VIN is linear.
Example 2:
Vary the oscillator frequency by one octave per volt.
Assume fOSC(MIN) = 1MHz and fOSC(MAX) = 2MHz, when the
input voltage varies by 1V. The minimum input voltage is
half supply, that is VIN(MIN) = 1.5V, VIN(MAX) = 2.5V and
V+ = 3V.
Equation (2) yields RIN/RSET = 1.273 and Equation (3)
yields RSET = 142.8k. RIN = 1.273RSET = 181.8k. For
standard resistor values, use RSET = 143k (1%) and RIN =
182k (1%). Figure 11 shows the measured fOSC vs VIN. For
VIN higher than 1.5V, the VCO is quite linear; nonlinearities
occur when VIN becomes smaller than 1V, although the
VCO remains monotonic.
Maximum VCO Modulation Bandwidth
The maximum VCO modulation bandwidth is 25kHz; that
is, the LTC6900 will respond to changes in VIN at a rate up
to 25kHz. In lower frequency applications however, the
modulation frequency may need to be limited to a lower
rate to prevent an increase in output jitter. This lower limit
is the master oscillator frequency divided by 20, (fOSC/20).
In general, for minimum output jitter the modulation
frequency should be limited to fOSC/20 or 25kHz, which-
ever is less. For best performance at all frequencies, the
value for fOSC should be the master oscillator frequency
(N = 1) when VIN is at the lowest level.
VIN (V)
0
0.5
1
1.5
2
2.5
3
6900 F10
2.00
1.95
1.90
1.85
1.80
1.75
1.70
1.65
1.60
1.55
1.50
RIN = 1.1M
RSET = 110k
V+ = 3V
N = 1
VIN (V)
0
0.5
1
1.5
2
2.5
3
6900 F11
3000
2500
2000
1500
1000
500
0
RIN = 182k
RSET = 143k
V+ = 3v
N = 1
Figure 11. Output Frequency vs Input Voltage
Figure 10. Output Frequency vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com