Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6900CS5 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6900CS5
Description  Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900CS5 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6900CS5 Datasheet HTML 4Page - Linear Technology LTC6900CS5 Datasheet HTML 5Page - Linear Technology LTC6900CS5 Datasheet HTML 6Page - Linear Technology LTC6900CS5 Datasheet HTML 7Page - Linear Technology LTC6900CS5 Datasheet HTML 8Page - Linear Technology LTC6900CS5 Datasheet HTML 9Page - Linear Technology LTC6900CS5 Datasheet HTML 10Page - Linear Technology LTC6900CS5 Datasheet HTML 11Page - Linear Technology LTC6900CS5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC6900
11
6900f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
S5 Package
5-Lead Plastic TSOT-23
(Reference LTC DWG # 05-08-1635)
PACKAGE DESCRIPTIO
Table 2. Variation of VRES for Various Values of RIN || RSET
RIN || RSET (VIN = V
+)VRES, V+ = 3V
VRES, V
+ = 5V
20k
0.98V
1.03V
40k
1.03V
1.08V
80k
1.07V
1.12V
160k
1.1V
1.15V
320k
1.12V
1.17V
VRES = Voltage across RSET
Note: All of the calculations above assume VRES = 1.1V, although VRES ≈ 1.1V. For completeness,
Table 2 shows the variation of VRES against various parallel combinations of RIN and RSET
(VIN = V+). Calulate first with VRES ≈ 1.1V, then use Table 2 to get a better approximation of VRES,
then recalculate the resistor values using the new value for VRES.
Example 3:
V+ = 3V, fOSC(MAX) = 5MHz, fOSC(MIN) = 4MHz, N = 1
VIN(MAX) = 2.5V, VIN(MIN) = 0.5V
RIN/RSET = 8.5, RSET = 43.2k, RIN = 365k
Maximum modulation bandwidth is the lesser of 25kHz or
fOSC(MIN)/20 (4MHz/20 = 200kHz)
Maximum VIN modulation frequency = 25kHz
Example 4:
V+ = 3V, fOSC(MAX) = 400kHz, fOSC(MIN) = 200kHz, N = 10
VIN(MAX) = 2.5V, VIN(MIN) = 0.5V
RIN/RSET = 3.1, RSET = 59k, RIN = 182k
APPLICATIO S I FOR ATIO
1.50 – 1.75
(NOTE 4)
2.80 BSC
0.30 – 0.45 TYP
5 PLCS (NOTE 3)
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
S5 TSOT-23 0302
PIN ONE
2.90 BSC
(NOTE 4)
0.95 BSC
1.90 BSC
0.80 – 0.90
1.00 MAX
0.01 – 0.10
0.20 BSC
0.30 – 0.50 REF
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. JEDEC PACKAGE REFERENCE IS MO-193
3.85 MAX
0.62
MAX
0.95
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF
Maximum modulation bandwidth is the lesser of 25kHz or
fOSC(MIN)/20 calculated at N =1 (2MHz/20 = 100kHz)
Maximum VIN modulation frequency = 25kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com