Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6900CS5 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6900CS5
Description  Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900CS5 Datasheet(HTML) 2 Page - Linear Technology

  LTC6900CS5 Datasheet HTML 1Page - Linear Technology LTC6900CS5 Datasheet HTML 2Page - Linear Technology LTC6900CS5 Datasheet HTML 3Page - Linear Technology LTC6900CS5 Datasheet HTML 4Page - Linear Technology LTC6900CS5 Datasheet HTML 5Page - Linear Technology LTC6900CS5 Datasheet HTML 6Page - Linear Technology LTC6900CS5 Datasheet HTML 7Page - Linear Technology LTC6900CS5 Datasheet HTML 8Page - Linear Technology LTC6900CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC6900
2
6900f
Supply Voltage (V+) to GND ........................– 0.3V to 6V
DIV to GND .................................... – 0.3V to (V+ + 0.3V)
SET to GND ................................... – 0.3V to (V+ + 0.3V)
Operating Temperature Range (Note 8)
LTC6900C .......................................... – 40
°C to 85°C
LTC6900I ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART NUMBER
TJMAX = 150°C, θJA = 256°C/W
LTC6900CS5
LTC6900IS5
(Note 1)
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 2.7V to 5.5V, RL= 5k, CL = 5pF, Pin 4 = V+ unless otherwise noted.
All voltages are with respect to GND.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆f
Frequency Accuracy (Notes 2, 3)
V+ = 5V
5kHz
≤ f ≤ 10MHz
±0.5
±1.5
%
5kHz
≤ f ≤ 10MHz, LTC6900C
q
±2.0
%
5kHz
≤ f ≤ 10MHz, LTC6900I
q
±2.5
%
1kHz
≤ f < 5kHz
±2%
10MHz < f
≤ 20MHz
±2%
V+ = 3V
5kHz
≤ f ≤ 10MHz
±0.5
±1.5
%
5kHz
≤ f ≤ 10MHz, LTC6900C
q
±2.0
%
5kHz
≤ f ≤ 10MHz, LTC6900I
q
±2.5
%
1kHz
≤ f < 5kHz
±2%
RSET
Frequency-Setting Resistor Range
∆f< 1.5%
V+ = 5V
20
400
k
V+ = 3V
20
400
k
∆f/∆T
Freq Drift Over Temp (Note 3)
RSET = 63.2k
q
±0.004
%/
°C
∆f/∆V
Freq Drift Over Supply (Note 3)
V+ = 3V to 5V, RSET = 63.2k
q
0.04
0.1
%/V
Timing Jitter (Note 4)
Pin 4 = V+, 20k
≤ RSET ≤ 400k
0.1
%
Pin 4 = Open, 20k
≤ RSET ≤ 400k
0.2
%
Pin 4 = 0V, 20k
≤ RSET ≤ 400k
0.6
%
Long-Term Stability of Output Frequency
300
ppm/
√kHr
Duty Cycle (Note 7)
Pin 4 = V+ or Open (DIV Either by 100 or 10)
q
49
50
51
%
Pin 4 = 0V (DIV by 1), RSET = 20k to 400k
q
45
50
55
%
V+
Operating Supply Range
q
2.7
5.5
V
IS
Power Supply Current
RSET = 400k, Pin 4 = V
+, RL = ∞
V+ = 5V
q
0.32
0.42
mA
fOSC = 5kHz
V+ = 3V
q
0.29
0.38
mA
RSET = 20k, Pin 4 = 0V, RL = ∞
V+ = 5V
q
0.92
1.20
mA
fOSC = 10MHz
V+ = 3V
q
0.68
0.86
mA
VIH
High Level DIV Input Voltage
q
V+ – 0.4
V
VIL
Low Level DIV Input Voltage
q
0.5
V
IDIV
DIV Input Current (Note 5)
Pin 4 = V+
V+ = 5V
q
2
4
µA
Pin 4 = 0V
V+ = 5V
q
–4
–2
µA
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
1
2
3
V+
GND
SET
5
4
OUT
DIV
S5 PART MARKING
LTZM
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com