Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6900CS5 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC6900CS5
Description  Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900CS5 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6900CS5 Datasheet HTML 4Page - Linear Technology LTC6900CS5 Datasheet HTML 5Page - Linear Technology LTC6900CS5 Datasheet HTML 6Page - Linear Technology LTC6900CS5 Datasheet HTML 7Page - Linear Technology LTC6900CS5 Datasheet HTML 8Page - Linear Technology LTC6900CS5 Datasheet HTML 9Page - Linear Technology LTC6900CS5 Datasheet HTML 10Page - Linear Technology LTC6900CS5 Datasheet HTML 11Page - Linear Technology LTC6900CS5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC6900
12
6900f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2002
LT/TP 0902 2K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1799
1kHz to 30MHz ThinSOT Oscillator
Identical Pinout, Higher Frequency Operation
TYPICAL APPLICATIO S
V+
1
2
3
5
fOSC =
•
10MHz
10
5V
RT
100k
THERMISTOR
C1
0.1
µF
6900 TA02
4
RT: YSI 44011 800 765-4974
GND
LTC6900
SET
OUT
DIV
20k
RT
6900 TA03
1400
1200
1000
800
600
400
200
0
–20 –10 0
102030405060708090
TEMPERATURE (
°C)
MAX
TYP
MIN
Temperature-to-Frequency Converter
Output Frequency vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com