Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6900CS5 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6900CS5
Description  Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900CS5 Datasheet(HTML) 5 Page - Linear Technology

  LTC6900CS5 Datasheet HTML 1Page - Linear Technology LTC6900CS5 Datasheet HTML 2Page - Linear Technology LTC6900CS5 Datasheet HTML 3Page - Linear Technology LTC6900CS5 Datasheet HTML 4Page - Linear Technology LTC6900CS5 Datasheet HTML 5Page - Linear Technology LTC6900CS5 Datasheet HTML 6Page - Linear Technology LTC6900CS5 Datasheet HTML 7Page - Linear Technology LTC6900CS5 Datasheet HTML 8Page - Linear Technology LTC6900CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC6900
5
6900f
PI FU CTIO S
V+ (Pin 1): Voltage Supply (2.7V
≤ V+ ≤ 5.5V). This supply
must be kept free from noise and ripple. It should be
bypassed directly to a ground plane with a 0.1
µFcapacitor.
GND (Pin 2): Ground. Should be tied to a ground plane for
best performance.
SET (Pin 3): Frequency-Setting Resistor Input. The value
of the resistor connected between this pin and V+ deter-
mines the oscillator frequency. The voltage on this pin is
held by the LTC6900 to approximately 1.1V below the V+
voltage. For best performance, use a precision metal film
resistor with a value between 10k
Ω and 2MΩ and limit the
capacitance on this pin to less than 10pF.
DIV (Pin 4): Divider-Setting Input. This three-state input
selects among three divider settings, determining the
value of N in the frequency equation. Pin 4 should be tied
to GND for the
÷1 setting, the highest frequency range.
Floating Pin 4 divides the master oscillator by 10. Pin 4
should be tied to V+ for the
÷100 setting, the lowest
frequency range. To detect a floating DIV pin, the LTC6900
attempts to pull the pin toward midsupply. Therefore,
driving the DIV pin high requires sourcing approximately
2
µA. Likewise, driving DIV low requires sinking 2µA.
When Pin 4 is floated, it should preferably be bypassed by
a 1nF capacitor to ground or it should be surrounded by a
ground shield to prevent excessive coupling from other
PCB traces.
OUT (Pin 5): Oscillator Output. This pin can drive 5k
Ω
and/or 10pF loads. Heavier loads may cause inaccuracies
due to supply bounce at high frequencies. Voltage tran-
sients, coupled into Pin 5, above or below the LTC6900
power supplies will not cause latchup if the current into/
out of the OUT pin is limited to 50mA.
BLOCK DIAGRA
–
+
1
3
GAIN = 1
V+
VBIAS
IRES
IRES
RSET
SET
GND
PATENT PENDING
MASTER OSCILLATOR
PROGRAMMABLE
DIVIDER (N)
(
÷1, 10 OR 100)
VRES = (V
+ – V
SET) = 1.1V TYPICALLY
IRES
(V+ – VSET)
ƒMO = 10MHz • 20kΩ •
THREE-STATE
INPUT DETECT
GND
V+
2
µA
6900 BD
2
µA
OUT
DIVIDER
SELECT
5
DIV
4
2
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com