Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC2082GD Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FC2082GD
Description  LED CONSTANT CURRENT DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC2082GD Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FC2082GD Datasheet HTML 1Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 2Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 3Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 4Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 5Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 6Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 7Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 8Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
OUT Output Current Characteristic
The OUT output current of FC2082G is given by:
(A)
rext(Ω)
0.6V
rext
V
I
REXT
OUT
=
=
Diagram 1. Relation Curve between FC2082G Output Current and rext
Diagram 2. FC2082G Constant Current Curve
From the FC2082G constant current curve on Diagram 2, the OUT minimal voltage under normal temperature: IOUT = 20mA,
VOUT_MIN = 4.1V; IOUT = 30mA, VOUT_MIN = 4.6V; IOUT = 40mA, VOUT_MIN = 5.0V; IOUT = 50mA, VOUT_MIN = 5.5V.
Diagram 3. FC2082G Output Current Temperature Characteristic
0
20
40
60
80
0
50
100
150
200
250
Iout(mA)
Rext (Ω)
Iout VS.rext
0
20
40
60
80
0
5
10
15
20
25
30
Iout(mA)
Vout (V)
Iout VS. Vout
20mA
30mA
40mA
50mA
0
20
40
60
80
-40 -20
0
20 40 60 80 100 120 140 160
Iout(mA)
TEMP (℃)
Iout Temp Curve
40mA
60mA
FC2082G
2018. 07. 09
4/12
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com