Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC2082GD Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FC2082GD
Description  LED CONSTANT CURRENT DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC2082GD Datasheet(HTML) 8 Page - First Silicon Co., Ltd

Back Button FC2082GD Datasheet HTML 4Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 5Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 6Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 7Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 8Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 9Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 10Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 11Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 12Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TO-252 SCR dimming Application: 12W
R4
510K
FR1
10R
C1
22uF/ 400V
R2
40.2R
1
3
OUT
GND
REXT
2
SM2082G
GND
R3A
2K
R1
8
.2R
1
3
OUT
GND
REXT
2
SM2082G
GND
D1
M7
VR1
7D471
220V~
R3B
2K
U1
U2
SCR dimming
1.The system will achive optimization when the voltage of LED lights series between 230V and 250V.
2.Output current change by R1’s value; Bleeder current changed by R2’s value.
3.R3(AB) is a power resistance for reducing the power consumption of U2 FC2082G. It’s power consumption should below 1W.
4.The value of R4 suggested between 510K and 1M fordischarging resistance.
TO-252 Valley filling Application: 16W
R3 11R
Vin
220V~
DB1
MB6S
76 series 1parellel
C1
10uF
750R/2W
R1
F1
1A/250V
R2
1M
C2
10nF/1KV
LED1
LEDn
1.
The system will achive optimization when the voltage of LED lights series between 230V and 250V.
2.
Output current change by R3’s value.
3.The value of R2 suggested between 510K and 1M for discharging resistance.
4.Recommended to use C2 for anti-jamming device
2018. 07. 09
8/12
Revision No : 1
FC2082G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com