Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC2082GD Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FC2082GD
Description  LED CONSTANT CURRENT DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC2082GD Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FC2082GD Datasheet HTML 1Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 2Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 3Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 4Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 5Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 6Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 7Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 8Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Temperature Compensation
When the interior temperature of the LED lamp is over high, there will be strong light failure and the life span of the LED will be
decreased. The FC2082G integrates temperature compensation, when the interior Tj of the chip exceeds 130℃, the output current will
be decreased automatically to lower down the interior temperature of the LED.
System Scheme Design
Rext
Power
Supply
Vin
GND
LED2
LEDn
LED1
1
2
3
OUT
GND
REXT
Diagram 4. FC2082G Application Circuit Schematic Diagram
Theory of Efficiency Design
The operating efficiency of the application circuit shown in Diagram 4 is given by:
IN
LED
LED
IN
LED
LED
IN
LED
V
V
*
n
I
*
V
I
*
V
*
n
P
P
η
=
=
=
Vin is the input power voltage, VLED is the forward voltage of a single LED, ILED is the operating current of LED. Therefore, the
bigger the number (n) of the cascaded LEDs is, the higher the operating efficiency is.
During the design of the system, the OUT operating voltage of the FC2082G needs to be adjusted in accordance with the
application environment to optimize η.
Design of Number of Cascaded LEDs
Two aspects need to be considered in the design of the number of cascaded LEDs:
1) In the circuit of Diagram 4, the OUT voltage VOUT = Vin – n*VLED, to guarantee the regular operation of the chip, the OUT voltage
VOUT > VOUT_MIN needs to be guaranteed;
2) The lower the OUT voltage is, the higher the operating efficiency of the system is.
In conclusion, the OUT operating voltage range is: V
~ VOUT_MAX, and the number of cascaded LEDs is given by:
LED
OUT_MIN
LED
OUT_MAX
V
V
Vin
n
V
V
Vin
-
<
<
-
2018. 07. 09
5/12
Revision No : 1
FC2082G
OUT_MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com