Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC2082GD Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FC2082GD
Description  LED CONSTANT CURRENT DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC2082GD Datasheet(HTML) 7 Page - First Silicon Co., Ltd

Back Button FC2082GD Datasheet HTML 3Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 4Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 5Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 6Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 7Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 8Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 9Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 10Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 11Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FC2082G when the values of the Rext are different.
Cascaded
-chip in LED Tube Lamp
Rext
AC~
LED
LED
LED
LED
C1
1
2
3
OUT
GND
REXT
Diagram 7. FC2082G Cascaded in LED Tube Lamp
The FC2082G can be connected at GND, middle of the LED lamp or front of the LED lamp according to different application.
Typical Application
SOT-89 No flicker Application:3W
R1 62R
220V~
DB1
MB6S
65V Light Bar (4 series 1 Parallel)
C1
1uF/400V
F1
1A/250V
C2
10nF/1KV
U1
LED1
LEDn
1.The system will achive optimization when the voltage of LED lights series between 250V and 270V.
2.Output current change by R1 value.
3.Recommended to use C2 for anti-jamming device.
TO-252 No flicker Application: 16W
R1 11R
220V~
DB1
MB6S
80 series 1 Parallel
C1
10uF/400V
F1
1A/250V
R2
1M
C2
10nF/1KV
U1
LED1
LEDn
1.The system will achive optimization when the voltage of LED lights series between 250V and 270V.
2.Output current change by R1 value.
3.The value of R2 suggested between 510K and 1M for discharging resistance.
4.Recommended to use C2 for anti-jamming device.
2018. 07. 09
7/12
Revision No : 1
FC2082G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com