Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC2082GD Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FC2082GD
Description  LED CONSTANT CURRENT DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC2082GD Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FC2082GD Datasheet HTML 1Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 2Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 3Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 4Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 5Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 6Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 7Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 8Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Parameter
Unless otherwise stated, the ambient temperature is 25°C.
Symbol
Description
Range
Unit
VOUT
Out Voltage
-0.5 ~ 450
V
IOUT
Out Current
1~ 60
mA
RθJA
PN junction to ambient thermal
resistance
TO-252
55
°C/W
SOT-89
125
TJ
Operating junction temperature
range
-40 ~ 150
°C
TSTG
Storage temperature
-55 ~ 150
°C
VESD
HBM human discharge mode
>2
KV
Note: The highest temperature of SMT product can't exceed 260°C, the temperature curve should be seted up by factory itself,
dard, the factory practice and solder paste supplier’s suggestion.
Electric Operating Parameter
Unless otherwise stated, the ambient temperature is 25°C.
Symbol
Description
Condition
Min.
Typ.
Max.
Unit
VOUT_MIN
OUT input voltage
IOUT = 30mA
-
-
6.5
V
VOUT_BV
OUT withstand voltage
IOUT = 0
450
-
-
V
IOUT
Output current
5
-
60
mA
IDD
Quiescent current
VOUT = 10V, REXT: NC
-
0.16
0.25
mA
VREXT
REXT voltage
VOUT = 10V
-
0.6
-
V
DIOUT
IOUT error between chip and
chip
IOUT = 20mA
-
±4
-
%
TSC
Initial point of the negative
temperature compensation
-
-
130
-
°C
which based on J-STD-020 Stan
-
2018. 07. 09
3/12
Revision No : 1
FC2082G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com