Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC2082GD Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FC2082GD
Description  LED CONSTANT CURRENT DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC2082GD Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FC2082GD Datasheet HTML 1Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 2Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 3Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 4Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 5Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 6Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 7Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 8Page - First Silicon Co., Ltd FC2082GD Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Pin Description
TO-252 / SOT-89
Pin No.
Pin Name
Pin Description
1
OUT
The power input and Constant current output port
2
GND
Ground
3
REXT
Output current setting port
Order Information
Part Number
Package
Packing
Reel Size
Tube
Tape
FC2082GD
TO-252
2500 pcs/ tape
13 inches
2018. 07. 09
2/12
Revision No : 1
FC2082G
SOT-89
/
4000 pcs/ tape
13 inches
FC2082GF
/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com