Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1306Z Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # SSD1306Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
Solomon Systech
Apr 2008 P 24/59
Rev 1.1
SSD1306
8.6
Segment Drivers / Common Drivers
Segment drivers deliver 128 current sources to drive the OLED panel. The driving current can be adjusted
from 0 to 100uA with 256 steps. Common drivers generate voltage-scanning pulses.
The segment driving waveform is divided into three phases:
1. In phase 1, the OLED pixel charges of previous image are discharged in order to prepare for next
image content display.
2. In phase 2, the OLED pixel is driven to the targeted voltage. The pixel is driven to attain the
corresponding voltage level from VSS. The period of phase 2 can be programmed in length from 1 to
15 DCLKs. If the capacitance value of the pixel of OLED panel is larger, a longer period is required
to charge up the capacitor to reach the desired voltage.
3. In phase 3, the OLED driver switches to use current source to drive the OLED pixels and this is the
current drive stage.
Figure 8-12 : Segment Output Waveform in three phases
After finishing phase 3, the driver IC will go back to phase 1 to display the next row image data. This three-
step cycle is run continuously to refresh image display on OLED panel.
In phase 3, if the length of current drive pulse width is set to 50, after finishing 50 DCLKs in current drive
phase, the driver IC will go back to phase 1 for next row display.
Segment
VSS
Phase: 1 2
3
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com