Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1306Z Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SSD1306Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
SSD1306
Rev 1.1
P 39/59
Apr 2008
Solomon Systech
Table 10-2 :Example of Set Display Offset and Display Start Line with Remap
(a)
(b)
(d)
(c)
(e)
(f)
(g)
(RAM)
Set MUX ratio(A8h)
COM Normal / Remapped (C0h / C8h)
Display offset (D3h)
Display start line (40h - 7Fh)
COM0
Row63
RAM63
Row7
RAM7
Row63
RAM7
Row47
RAM47
-
-
Row47
RAM55
--
COM1
Row62
RAM62
Row6
RAM6
Row62
RAM6
Row46
RAM46
-
-
Row46
RAM54
--
COM2
Row61
RAM61
Row5
RAM5
Row61
RAM5
Row45
RAM45
--
Row45
RAM53
--
COM3
Row60
RAM60
Row4
RAM4
Row60
RAM4
Row44
RAM44
-
-
Row44
RAM52
--
COM4
Row59
RAM59
Row3
RAM3
Row59
RAM3
Row43
RAM43
-
-
Row43
RAM51
-
-
COM5
Row58
RAM58
Row2
RAM2
Row58
RAM2
Row42
RAM42
-
-
Row42
RAM50
--
COM6
Row57
RAM57
Row1
RAM1
Row57
RAM1
Row41
RAM41
-
-
Row41
RAM49
--
COM7
Row56
RAM56
Row0
RAM0
Row56
RAM0
Row40
RAM40
-
-
Row40
RAM48
--
COM8
Row55
RAM55
Row63
RAM63
Row55
RAM63
Row39
RAM39
Row47
RAM47
Row39
RAM47
Row47
RAM63
COM9
Row54
RAM54
Row62
RAM62
Row54
RAM62
Row38
RAM38
Row46
RAM46
Row38
RAM46
Row46
RAM62
COM10
Row53
RAM53
Row61
RAM61
Row53
RAM61
Row37
RAM37
Row45
RAM45
Row37
RAM45
Row45
RAM61
COM11
Row52
RAM52
Row60
RAM60
Row52
RAM60
Row36
RAM36
Row44
RAM44
Row36
RAM44
Row44
RAM60
COM12
Row51
RAM51
Row59
RAM59
Row51
RAM59
Row35
RAM35
Row43
RAM43
Row35
RAM43
Row43
RAM59
COM13
Row50
RAM50
Row58
RAM58
Row50
RAM58
Row34
RAM34
Row42
RAM42
Row34
RAM42
Row42
RAM58
COM14
Row49
RAM49
Row57
RAM57
Row49
RAM57
Row33
RAM33
Row41
RAM41
Row33
RAM41
Row41
RAM57
COM15
Row48
RAM48
Row56
RAM56
Row48
RAM56
Row32
RAM32
Row40
RAM40
Row32
RAM40
Row40
RAM56
COM16
Row47
RAM47
Row55
RAM55
Row47
RAM55
Row31
RAM31
Row39
RAM39
Row31
RAM39
Row39
RAM55
COM17
Row46
RAM46
Row54
RAM54
Row46
RAM54
Row30
RAM30
Row38
RAM38
Row30
RAM38
Row38
RAM54
COM18
Row45
RAM45
Row53
RAM53
Row45
RAM53
Row29
RAM29
Row37
RAM37
Row29
RAM37
Row37
RAM53
COM19
Row44
RAM44
Row52
RAM52
Row44
RAM52
Row28
RAM28
Row36
RAM36
Row28
RAM36
Row36
RAM52
COM20
Row43
RAM43
Row51
RAM51
Row43
RAM51
Row27
RAM27
Row35
RAM35
Row27
RAM35
Row35
RAM51
COM21
Row42
RAM42
Row50
RAM50
Row42
RAM50
Row26
RAM26
Row34
RAM34
Row26
RAM34
Row34
RAM50
COM22
Row41
RAM41
Row49
RAM49
Row41
RAM49
Row25
RAM25
Row33
RAM33
Row25
RAM33
Row33
RAM49
COM23
Row40
RAM40
Row48
RAM48
Row40
RAM48
Row24
RAM24
Row32
RAM32
Row24
RAM32
Row32
RAM48
COM24
Row39
RAM39
Row47
RAM47
Row39
RAM47
Row23
RAM23
Row31
RAM31
Row23
RAM31
Row31
RAM47
COM25
Row38
RAM38
Row46
RAM46
Row38
RAM46
Row22
RAM22
Row30
RAM30
Row22
RAM30
Row30
RAM46
COM26
Row37
RAM37
Row45
RAM45
Row37
RAM45
Row21
RAM21
Row29
RAM29
Row21
RAM29
Row29
RAM45
COM27
Row36
RAM36
Row44
RAM44
Row36
RAM44
Row20
RAM20
Row28
RAM28
Row20
RAM28
Row28
RAM44
COM28
Row35
RAM35
Row43
RAM43
Row35
RAM43
Row19
RAM19
Row27
RAM27
Row19
RAM27
Row27
RAM43
COM29
Row34
RAM34
Row42
RAM42
Row34
RAM42
Row18
RAM18
Row26
RAM26
Row18
RAM26
Row26
RAM42
COM30
Row33
RAM33
Row41
RAM41
Row33
RAM41
Row17
RAM17
Row25
RAM25
Row17
RAM25
Row25
RAM41
COM31
Row32
RAM32
Row40
RAM40
Row32
RAM40
Row16
RAM16
Row24
RAM24
Row16
RAM24
Row24
RAM40
COM32
Row31
RAM31
Row39
RAM39
Row31
RAM39
Row15
RAM15
Row23
RAM23
Row15
RAM23
Row23
RAM39
COM33
Row30
RAM30
Row38
RAM38
Row30
RAM38
Row14
RAM14
Row22
RAM22
Row14
RAM22
Row22
RAM38
COM34
Row29
RAM29
Row37
RAM37
Row29
RAM37
Row13
RAM13
Row21
RAM21
Row13
RAM21
Row21
RAM37
COM35
Row28
RAM28
Row36
RAM36
Row28
RAM36
Row12
RAM12
Row20
RAM20
Row12
RAM20
Row20
RAM36
COM36
Row27
RAM27
Row35
RAM35
Row27
RAM35
Row11
RAM11
Row19
RAM19
Row11
RAM19
Row19
RAM35
COM37
Row26
RAM26
Row34
RAM34
Row26
RAM34
Row10
RAM10
Row18
RAM18
Row10
RAM18
Row18
RAM34
COM38
Row25
RAM25
Row33
RAM33
Row25
RAM33
Row9
RAM9
Row17
RAM17
Row9
RAM17
Row17
RAM33
COM39
Row24
RAM24
Row32
RAM32
Row24
RAM32
Row8
RAM8
Row16
RAM16
Row8
RAM16
Row16
RAM32
COM40
Row23
RAM23
Row31
RAM31
Row23
RAM31
Row7
RAM7
Row15
RAM15
Row7
RAM15
Row15
RAM31
COM41
Row22
RAM22
Row30
RAM30
Row22
RAM30
Row6
RAM6
Row14
RAM14
Row6
RAM14
Row14
RAM30
COM42
Row21
RAM21
Row29
RAM29
Row21
RAM29
Row5
RAM5
Row13
RAM13
Row5
RAM13
Row13
RAM29
COM43
Row20
RAM20
Row28
RAM28
Row20
RAM28
Row4
RAM4
Row12
RAM12
Row4
RAM12
Row12
RAM28
COM44
Row19
RAM19
Row27
RAM27
Row19
RAM27
Row3
RAM3
Row11
RAM11
Row3
RAM11
Row11
RAM27
COM45
Row18
RAM18
Row26
RAM26
Row18
RAM26
Row2
RAM2
Row10
RAM10
Row2
RAM10
Row10
RAM26
COM46
Row17
RAM17
Row25
RAM25
Row17
RAM25
Row1
RAM1
Row9
RAM9
Row1
RAM9
Row9
RAM25
COM47
Row16
RAM16
Row24
RAM24
Row16
RAM24
Row0
RAM0
Row8
RAM8
Row0
RAM8
Row8
RAM24
COM48
Row15
RAM15
Row23
RAM23
Row15
RAM23
--
Row7
RAM7
--
Row7
RAM23
COM49
Row14
RAM14
Row22
RAM22
Row14
RAM22
--
Row6
RAM6
--
Row6
RAM22
COM50
Row13
RAM13
Row21
RAM21
Row13
RAM21
-
-
Row5
RAM5
--
Row5
RAM21
COM51
Row12
RAM12
Row20
RAM20
Row12
RAM20
--
Row4
RAM4
--
Row4
RAM20
COM52
Row11
RAM11
Row19
RAM19
Row11
RAM19
--
Row3
RAM3
--
Row3
RAM19
COM53
Row10
RAM10
Row18
RAM18
Row10
RAM18
--
Row2
RAM2
--
Row2
RAM18
COM54
Row9
RAM9
Row17
RAM17
Row9
RAM17
-
-
Row1
RAM1
-
-
Row1
RAM17
COM55
Row8
RAM8
Row16
RAM16
Row8
RAM16
--
Row0
RAM0
--
Row0
RAM16
COM56
Row7
RAM7
Row15
RAM15
Row7
RAM15
-
-------
COM57
Row6
RAM6
Row14
RAM14
Row6
RAM14
-
-------
COM58
Row5
RAM5
Row13
RAM13
Row5
RAM13
-
-------
COM59
Row4
RAM4
Row12
RAM12
Row4
RAM12
-
-------
COM60
Row3
RAM3
Row11
RAM11
Row3
RAM11
-
-------
COM61
Row2
RAM2
Row10
RAM10
Row2
RAM10
-
-------
COM62
Row1
RAM1
Row9
RAM9
Row1
RAM9
-
-------
COM63
Row0
RAM0
Row8
RAM8
Row0
RAM8
-
-------
Display
examples
48
Remap
8
16
80
0
8
48
48
Remap
Remap
48
Remap
0
0
0
0
0
8
Hardware
pin name
Output
64
64
64
Remap
Remap
Remap
08
(e)
(f)
(g)
(a)
(b)
(c)
(d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com