Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1306Z Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # SSD1306Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 44Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 45Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 46Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 47Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 48Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 49Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 50Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 51Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 65 page
background image
Solomon Systech
Apr 2008 P 48/59
Rev 1.1
SSD1306
12 DC CHARACTERISTICS
Condition (Unless otherwise specified):
Voltage referenced to VSS
VDD = 1.65 to 3.3V
TA = 25
°C
Table 12-1 : DC Characteristics
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VCC
Operating Voltage
-
7
-
15
V
VDD
Logic Supply Voltage
-
1.65
-
3.3
V
VOH
High Logic Output Level
IOUT = 100uA, 3.3MHz
0.9 x VDD -
-
V
VOL
Low Logic Output Level
IOUT = 100uA, 3.3MHz
-
-
0.1 x VDD V
VIH
High Logic Input Level
-
0.8 x VDD -
-
V
VIL
Low Logic Input Level
-
-
-
0.2 x VDD V
ICC, SLEEP ICC, Sleep mode Current
VDD = 1.65V~3.3V, VCC = 7V~15V
Display OFF, No panel attached
-
-
10
uA
IDD, SLEEP IDD, Sleep mode Current
VDD = 1.65V~3.3V, VCC = 7V~15V
Display OFF, No panel attached
-
-
10
uA
ICC
VCC Supply Current
VDD = 2.8V, VCC = 12V,
IREF = 12.5uA
No loading, Display ON, All
ON
-
430
780
uA
IDD
VDD Supply Current
VDD = 2.8V, VCC = 12V,
IREF = 12.5uA
No loading, Display ON, All
ON
Contrast = FFh
-
50
150
uA
Contrast=FFh
-
100
-
Contrast=AFh
-
69
-
ISEG
Segment Output Current
VDD=2.8V, VCC=12V,
IREF=12.5uA, Display ON.
Contrast=3Fh
-
25
-
uA
Dev
Segment output current
uniformity
Dev = (ISEG – IMID)/IMID
IMID = (IMAX + IMIN)/2
ISEG[0:131] = Segment current at
contrast = FFh
-3
-
+3
%
Adj. Dev
Adjacent pin output current
uniformity (contrast = FF)
Adj Dev = (I[n]-I[n+1]) /
(I[n]+I[n+1])
-2
-
+2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com