Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1306Z Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # SSD1306Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 45Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 46Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 47Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 48Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 49Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 50Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 51Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 52Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
SSD1306
Rev 1.1
P 49/59
Apr 2008
Solomon Systech
13 AC CHARACTERISTICS
Conditions:
Voltage referenced to VSS
VDD=1.65 to3.3V
TA = 25
°C
Table 13-1 : AC Characteristics
Symbol Parameter
Test Condition
Min
Typ
Max
Unit
FOSC (1) Oscillation Frequency of Display
Timing Generator
VDD = 2.8V
333
370
407
kHz
FFRM
Frame Frequency for 64 MUX
Mode
128x64 Graphic Display Mode,
Display ON, Internal Oscillator
Enabled
-
FOSC x 1/(DxKx64)
(2)
-
Hz
RES#
Reset low pulse width
3
-
-
us
Note
(1) FOSC stands for the frequency value of the internal oscillator and the value is measured when command D5h A[7:4] is
in default value.
(2) D: divide ratio (default value = 1)
K: number of display clocks (default value = 54)
Please refer to Table 9-1 (Set Display Clock Divide Ratio/Oscillator Frequency, D5h) for detailed description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com