Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1306Z Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # SSD1306Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
SSD1306
Rev 1.1
P 33/59
Apr 2008
Solomon Systech
Table 9-2 : Read Command Table
Bit Pattern
Command
Description
D7D6D5D4D3D2D1D0
Status Register Read
D[7] :
Reserved
D[6] :
“1” for display OFF / “0” for display ON
D[5] :
Reserved
D[4] :
Reserved
D[3] :
Reserved
D[2] :
Reserved
D[1] :
Reserved
D[0] :
Reserved
Note
(1) Patterns other than those given in the Command Table are prohibited to enter the chip as a command; as unexpected
results can occur.
9.1
Data Read / Write
To read data from the GDDRAM, select HIGH for both the R/W# (WR#) pin and the D/C# pin for 6800-
series parallel mode and select LOW for the E (RD#) pin and HIGH for the D/C# pin for 8080-series parallel
mode. No data read is provided in serial mode operation.
In normal data read mode the GDDRAM column address pointer will be increased automatically by one after
each data read.
Also, a dummy read is required before the first data read.
To write data to the GDDRAM, select LOW for the R/W# (WR#) pin and HIGH for the D/C# pin for both
6800-series parallel mode and 8080-series parallel mode. The serial interface mode is always in write mode.
The GDDRAM column address pointer will be increased automatically by one after each data write.
Table 9-3 : Address increment table (Automatic)
D/C#
R/W# (WR#)
Comment
Address Increment
0
0
Write Command
No
0
1
Read Status
No
1
0
Write Data
Yes
1
1
Read Data
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com