Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1306Z Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # SSD1306Z
Description  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
Solomon Systech
Apr 2008 P 34/59
Rev 1.1
SSD1306
10 COMMAND DESCRIPTIONS
10.1 Fundamental Command
10.1.1 Set Lower Column Start Address for Page Addressing Mode (00h~0Fh)
This command specifies the lower nibble of the 8-bit column start address for the display data RAM under
Page Addressing Mode. The column address will be incremented by each data access. Please refer to Section
Table 9-1 and Section 10.1.3 for details.
10.1.2 Set Higher Column Start Address for Page Addressing Mode (10h~1Fh)
This command specifies the higher nibble of the 8-bit column start address for the display data RAM under
Page Addressing Mode. The column address will be incremented by each data access. Please refer to Section
Table 9-1 and Section 10.1.3 for details.
10.1.3 Set Memory Addressing Mode (20h)
There are 3 different memory addressing mode in SSD1306: page addressing mode, horizontal addressing
mode and vertical addressing mode. This command sets the way of memory addressing into one of the above
three modes. In there, “COL” means the graphic display data RAM column.
Page addressing mode (A[1:0]=10xb)
In page addressing mode, after the display RAM is read/written, the column address pointer is increased
automatically by 1. If the column address pointer reaches column end address, the column address pointer is
reset to column start address and page address pointer is not changed. Users have to set the new page and
column addresses in order to access the next page RAM content. The sequence of movement of the PAGE
and column address point for page addressing mode is shown in Figure 10-1.
Figure 10-1 : Address Pointer Movement of Page addressing mode
COL0
COL 1
…..
COL 126 COL 127
PAGE0
PAGE1
:
:
:
:
:
:
PAGE6
PAGE7
In normal display data RAM read or write and page addressing mode, the following steps are required to
define the starting RAM access pointer location:
• Set the page start address of the target display location by command B0h to B7h.
• Set the lower start column address of pointer by command 00h~0Fh.
• Set the upper start column address of pointer by command 10h~1Fh.
For example, if the page address is set to B2h, lower column address is 03h and upper column address is 10h,
then that means the starting column is SEG3 of PAGE2. The RAM access pointer is located as shown in
Figure 10-2
. The input data byte will be written into RAM position of column 3.
Figure 10-2 : Example of GDDRAM access pointer setting in Page Addressing Mode (No row and column-
remapping)
LSB D0
MSB D7
Each lattice represents
one bit of image data
....................
PAGE2
(Starting page)
COM16
COM17
:
:
:
:
:
COM23
SEG0
SEG3 (Starting column)
SEG127
RAM access pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com