Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4710AQTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STUSB4710AQTR
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710AQTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STUSB4710AQTR Datasheet HTML 4Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 5Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 6Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 7Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 8Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 9Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 10Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 11Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Inputs/outputs
STUSB4710
8/34
DocID030499 Rev 4
Name
Type
Description
Connection
VBUS_DISCH
Output
External discharge control
signal
VBUS_EN_SRC
20 V OD
VBUS source power path enable
– active low open-drain
To switch or power system
– ext. pull-up
VREG_1V2
Analog
1.2 V regulator output
1 µF typ. decoupling
capacitor
VREG_2V7
Analog
2.7 V regulator output
1 µF typ. decoupling
capacitor
VDD
20 V power
Main power supply (USB power
line)
From VBUS (system side)
EP
Exposed pad
Exposed pad is connected to
ground
To ground
Table 3: Legend
Type
Description
D
Digital
A
Analog
O
Output pad
I
Input pad
IO
Bidirectional pad
OD
Open drain output
PD
Pull-down
PU
Pull-up
PWR
Power supply
GND
Ground
2.3
Pin description
2.3.1
CC1 / CC2
CC1 and CC2 are the configuration channel pins used for connection and attachment
detection, plug orientation determination and system configuration management across
USB Type-C cable. CC1/CC2 are HiZ during reset.
2.3.2
I2C interface pins
Table 4: I²C interface pin list
Name
Description
SCL
I²C clock
– needs external pull-up
SDA
I²C data
– needs external pull-up
2.3.3
VBUS_SENSE
This input pin is used to sense VBUS presence, monitor VBUS voltage and discharge VBUS on
USB Type-C receptacle side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com