Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4710AQTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STUSB4710AQTR
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710AQTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STUSB4710AQTR Datasheet HTML 18Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 19Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 20Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 21Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 22Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 23Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 24Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 25Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Electrical characteristics
STUSB4710
22/34
DocID030499 Rev 4
8
Electrical characteristics
8.1
Absolute maximum ratings
All voltages are referenced to GND.
Table 14: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
28
V
VCC1, VCC2
High voltage on CC pins
22
V
VVBUS_EN_SRC
VVBUS_SENSE
VVBUS_DISCH
High voltage on VBUS pins
28
V
VSCL, VSDA
Operating voltage on I/O pins
-0.3 to 6
V
TSTG
Storage temperature
-55 to 150
°C
TJ
Maximum junction temperature
145
°C
ESD
HBM
4
kV
CDM
1.5
8.2
Operating conditions
Table 15: Operating conditions
Symbol
Parameter
Value
Unit
VDD
Supply voltage
4.1 to 22
V
VCC1, VCC2
CC pins (1)
-0.3 to 5.5
V
VVBUS_EN_SRC
VVBUS_SENSE
VVBUS_DISCH
High voltage pins
0 to 22
V
VSCL, VSDA
Operating voltage on I/O pins
0 to 4.5
V
TA
Operating temperature
-40 to 105
°C
Notes:
(1)Transient voltage on CC1 and CC2 pins are allowed to go down to -0.3 during BMC communication from
connected devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com