Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4710AQTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STUSB4710AQTR
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710AQTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STUSB4710AQTR Datasheet HTML 8Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 9Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 10Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 11Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 12Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 13Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 14Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 15Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Block descriptions
STUSB4710
12/34
DocID030499 Rev 4
3.6.3
VBUS power path assertion
The STUSB4710 can control the assertion of the VBUS power path on USB Type-C port,
directly or indirectly, through VBUS_EN_SRC pin.
The following table summarizes the configurations and the conditions that determine the
logic value of VBUS_EN_SRC pin during system operation.
Table 5: Conditions for VBUS power path assertion
Pin
Electrical
value
Operation conditions
Comment
Attached state
VDD monitoring
VBUS monitoring
VBUS_EN_SRC
0
Attached.SRC
VDD > UVLO if
VDD_UVLO
enabled
and/or VDD <
OVLO if
VDD_OVLO
enabled
VBUS within valid
voltage range
if VBUS
_VALID_RANGE
enabled
or VBUS > UVLO if
VBUS
_VALID_RANGE
disabled
The signal is
asserted only if all
the valid operation
conditions are
met.
UnorientedDebug
Accessory.SRC
OrientedDebug
Accessory.SRC
HiZ
Any other state
VDD < UVLO if
VDD_UVLO
enabled
and/or VDD >
OVLO if
VDD_OVLO
enabled
VBUS is out of valid
voltage range
if VBUS
_VALID_RANGE
enabled
or VBUS < UVLO if
VBUS
_VALID_RANGE
disabled
The signal is de-
asserted when at
least one non-
valid operation
condition is met.
Activation of the UVLO and OVLO threshold detections can be done through NVM
programming (see Section 4: "User-defined startup configuration") and also by
software through the I2C interface (see Section 6: "I²C register map"). When the
UVLO and/or OVLO threshold detection is activated, the VBUS_EN_SRC pin is
asserted only if the device is attached and the valid threshold conditions on VDD
are met. Once the VBUS_EN_SRC pin is asserted, the VBUS monitoring is done
on VBUS_SENSE pin instead of the VDD pin.
3.7
High voltage protection
The STUSB4710 can be safely used in systems or connected to systems that handle high
voltage on the VBUS power path. The device integrates an internal circuitry on the CC pins
that tolerates high voltage and ensures a protection up to 22 V in case of unexpected short
circuit with VBUS or in case of connection to a device supplying high voltage on VBUS.
3.8
Hardware fault management
The STUSB4710 handles hardware fault conditions related to the device itself and the VBUS
power path during system operation.
When such conditions occur, the circuit goes into a transient error recovery state named
ErrorRecovery in the Type-C FSM. When entering in this state, the device de-asserts the
VBUS power path by disabling the VBUS_EN_SRC pin, and it removes the terminations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com