Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4710AQTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STUSB4710AQTR
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710AQTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STUSB4710AQTR Datasheet HTML 17Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 18Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 19Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 20Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 21Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 22Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 23Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 24Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
STUSB4710
Typical use cases
DocID030499 Rev 4
21/34
7.3
Power supply
– flyback topology
The STUSB4710 offers the possibility to have up to 5 PDOs using GPIO0 to GPIO3.
For example PDO1 ( 5 V; 3 A) (no Sel_PDO grounded), PDO2 (9 V; 3 A) (GPIO0 to GND),
PDO3 (15 V; 3 A) (GPIO1 to GND).
Figure 9: Flyback topology
Table 13: Resistor value
PDO
VOUT
Computation
Resistor value
(Ω)
-
-
R1
100 k
4
15
����3 =
����1∙1.24
����������������−1.24
8k87
3
12
����4 =
����1 ∙ 1.24
���������������� − 1.24
− ����3
2k49
2
9
����5 =
����1 ∙ 1.24
���������������� − 1.24
− ����3 − ����4
4k42
1
5
����6 =
����1 ∙ 1.22
���������������� − 1.22
− ����2 − ����3 − ����4 − ����5
16k2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com