Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4710AQTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # STUSB4710AQTR
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710AQTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STUSB4710AQTR Datasheet HTML 20Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 21Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 22Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 23Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 24Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 25Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 26Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 27Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Electrical characteristics
STUSB4710
24/34
DocID030499 Rev 4
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBUS monitoring and driving
VTHUSB
VBUS presence
threshold
3.8
3.9
4
V
VTH0V
VBUS safe 0 V
threshold
(vSafe0V)
Programmable threshold
(from 0.6 to 1.8 V)
Default VTHOV = 0.6 V
0.5
0.6
0.7
V
0.8
0.9
1
1.1
1.2
1.3
1.7
1.8
1.9
RDISUSB
VBUS discharge
resistor
600
700
800
Ω
TDISUSB
VBUS discharge
time to 0 V
Default TDISUSB= 840 ms. The
coefficient TDISPARAM is
programmable by NVM
70
*TDISPARAM
84
*TDISPARAM
100
*TDISPARAM
ms
TDISUSB
VBUS discharge
time to PDO
Default TDISUSB= 200 ms
The coefficient TDISPARAM is
programmable by NVM
20
*TDISPARAM
24
*TDISPARAM
28
*TDISPARAM
ms
VMONUSBH
VBUS monitoring
high voltage
threshold
VBUS = nominal target
value
Default VMONUSBH = VBUS
+10%
The threshold limit is
programmable by NVM
from VBUS +5% to VBUS
+20%
–
VBUS +10%
–
V
VMONUSBL
VBUS monitoring
low voltage
threshold
VBUS = nominal target
value
Default VMONUSBL= VBUS -
10%
The threshold limit is
programmable by NVM
from VBUS -20% to VBUS -
5%
–
VBUS -10%
–
V
Digital input/output (SCL, SDA)
VIH
High level input
voltage
1.2
–
–
V
VIL
Low level input
voltage
–
–
0.35
V
VOL
Low level output
voltage
Ioh = 3 mA
–
–
0.4
V
20 V open-drain outputs (VBUS_EN_SRC)
VOL
Low level output
voltage
Ioh = 3 mA
–
–
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com