Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4710AQTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STUSB4710AQTR
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710AQTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STUSB4710AQTR Datasheet HTML 7Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 8Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 9Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 10Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 11Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 12Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 13Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 14Page - STMicroelectronics STUSB4710AQTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
STUSB4710
Block descriptions
DocID030499 Rev 4
11/34
3.5
Device policy manager
The device policy manager manages the power resources.
3.6
VBUS power path control
3.6.1
VBUS monitoring
The VBUS monitoring block supervises (from the VBUS_SENSE input pin) the VBUS voltage
on the USB Type-C receptacle side.
This block is used to check that VBUS is within a valid voltage range:
To establish a valid source-to-sink connection according to USB Type-C standard
specification
To enable safely the VBUS power path through VBUS_EN_SRC pin
It allows detection of unexpected VBUS voltage conditions such as undervoltage or
overvoltage relative to the valid VBUS voltage range. When such conditions occur, the
STUSB4710 reacts as follows:
At attachment, it prevents the source-to-sink connection and the VBUS power path
assertion
After attachment, it deactivates the source-to-sink connection and disables the VBUS
power path. The device goes into error recovery state.
The VBUS voltage value is automatically adjusted at attachment and at each PDO transition.
The monitoring is then disabled during T_PDO_transition (default 280 ms changed through
NVM programming). Additionally, if a transition occurs to a lower voltage, the discharge
path is activated during this time.
The valid VBUS voltage range is defined from the VBUS nominal voltage by a high threshold
voltage and a low threshold voltage whose minimal values are respectively VBUS+5% and
VBUS-5%. The nominal threshold limits can be shifted by a fraction of VBUS from +1% to
+15% for the high threshold voltage and from -1% to -15% for the low threshold voltage.
This means the threshold limits can vary from VBUS+5% to VBUS+20% for the high limit and
from VBUS-5% to VBUS-20% for the low limit.
The threshold limits are preset by default in the NVM with different shift coefficients (see
Section 8.3: "Electrical and timing characteristics"). The threshold limits can be changed
independently through NVM programming (see Section 8.3: "Electrical and timing
characteristics") and also by software during attachment through the I2C interface (see
Section 6: "I²C register map").
3.6.2
VBUS discharge
The monitoring block handles also the internal VBUS discharge path connected to the
VBUS_SENSE input pin. The discharge path is activated at detachment, or when the
device goes into the error recovery state (see Section 3.8: "Hardware fault management").
The VBUS discharge path is enabled by default in the NVM and can be disabled through
NVM programming only (see Section 4: "User-defined startup configuration"). Discharge
time duration (T_PDO_transition and T_Transition to 0 V) are also preset by default in the
NVM (see Section 8.3: "Electrical and timing characteristics"). The discharge time duration
can be changed through NVM programming (see Section 4: "User-defined startup
configuration") and also by software through the I2C interface (see Section 6: "I²C register
map").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com