Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S53 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AT89S53
Description  State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT89S53 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AT89S53 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Evalu8r User Manual V2.00
6
RESET Configuration
Atmel 40-pin 8051 microcontrollers
Device
Microcontroller
Number
EA
Family
Socket
Of Pins
Polarity
Link 3
Link 4
ISP
HIGH
AT89C51
U2
40
HIGH
1-2
1-2
NO
CON 10
1-2
AT89C52
U2
40
HIGH
1-2
1-2
NO
CON 10
1-2
AT89C55
U2
40
HIGH
1-2
1-2
NO
CON 10
1-2
AT89S8252
U2
40
HIGH
1-2
1-2
YES
CON 10
1-2
AT89S53
U2
40
HIGH
1-2
1-2
YES
CON 10
1-2
Figure 8
Device Support Continued
RESET
XTAL1
XTAL2
GND
EA
C1
C2
XT1
P0
P3
Vcc
P1
P2
CON 10
1-2
C6
Vcc
40
31
1
18
19
20
AT89CXX
AT89SXXXX
40-Pin
Microcontroller
External
RESET
Signal
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
27
26
28
29
30
31
32
33
34
35
36
37
38
39
40
(T2) P1.0
(T2 EX) P1.1
(RXD) P3.0
RST
(SCK) P1.7
(MISO) P1.6
(MOSI) P1.5
(SS) P1.4
P1.3
P1.2
(WR) P3.6
(T1) P3.5
(T0) P3.4
(INT1) P3.3
(INT0) P3.2
(TXD) P3.1
GND
XTAL1
XTAL2
(RD) P3.7
VCC
PSEN
ALE/PROG
EA/VPP
P0.7 (AD7)
P0.6 (AD6)
P0.5 (AD5)
P0.4 (AD4)
P0.3(AD3)
P0.2 (AD2)
P0.1 (AD1)
P0.0 (AD0)
P2.4 (A12)
P2.5 (A13)
P2.6 (A14)
P2.7 (A15)
P2.0 (A8)
P2.1 (A9)
P2.2 (A10)
P2.3 (A11)
Pinout for the AT89S8252
Port
I/O
Function
P0.X
8
I/O Box Header (Con 11)
P1.X
8
LED x 8 + ISP (3)
P2.X
8
I/O Box Header (Con 9)
P3.X
8
Push Button + Serial Communications
Active
HIGH RESET
Circuit
(Refer to page 12)
Figure 11
Figure 9
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com