Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S53 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AT89S53
Description  State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT89S53 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AT89S53 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
User Manual V2.00 Evalu8r
7
RESET Configuration
Atmel 40-pin AVR microcontrollers
Device
Microcontroller
Number
Family
Socket
Of Pins
Polarity
Link 3
Link 4
ISP
AT90S4414
U2
40
LOW
2-3
2-3
YES
AT90S8515
U2
40
LOW
2-3
2-3
YES
Figure 12
Device Support Continued
RESET
XTAL1
XTAL2
GND
C1
C2
XT1
PA (8 I/O)
PD (8 I/O)
Vcc
PB (8 I/O)
PC (8 I/O)
18
19
20
AVR 40-Pin
Microcontroller
9
C6
Vcc
40
External
RESET
Signal
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
27
26
28
29
30
31
32
33
34
35
36
37
38
39
40
(T0) PB0
(T1) PB1
(RXD) PD0
RESET
(SCK) PB7
(MISO) PB6
(MOSI) PB5
(SS) PB4
(AIN1) PB3
(AIN0) PB2
(WR) PD6
(OC1A) PD5
PD4
(INT1) PD3
(INT0) PD2
(TXD) PD1
GND
XTAL1
XTAL2
(RD) PD7
VCC
OC1B
ALE
ICP
PA7 (AD7)
PA6 (AD6)
PA5 (AD5)
PA4 (AD4)
PA3(AD3)
PA2 (AD2)
PA1 (AD1)
PA0 (AD0)
PC4 (A12)
PC5 (A13)
PC6 (A14)
PC7 (A15)
PC0 (A8)
PC1 (A9)
PC2 (A10)
PC3 (A11)
Pinout for the AT90S8515
and AT90S4414
PLEASE NOTE: The Evalu8r module does not support the Atmel AT90S8535 and AT90S4434
40-pin AVR devices
ICP, ALE and 0C1B are brought out to Con10
Active
LOW RESET
Circuit
(Refer to page 12)
Port
I/O
Function
PA.X
8
I/O Box Header (Con 11)
PB.X
8
LED x 8 + ISP (3)
PC.X
8
I/O Box Header (Con 9)
PD.X
8
Push Button + Serial Communications
Figure 15
Figure 14
Figure 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com