Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S53 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # AT89S53
Description  State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT89S53 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AT89S53 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 24Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 25Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 26Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
User Manual V2.00 Evalu8r
19
LED Port
The Evalu8r module features 8 LED’s
connected to one contiguous 8-bit
microcontroller I/O port. As some of the I/O
ports have dual functionality it is necessary
to set certain jumpers to ensure that all 8
LED’s are connected.
The table below shows jumper settings and
also the port assignments for 8051 & AVR
microcontrollers.
To disconnect all LED’s simply remove the
resistor SIL pack SL1.
LED
Jumper Settings
8051
AVR
1
Link 1 1-2
P1.0
PB0
2
Link 2 1-2
P1.1
PB1
3
-
P1.2
PB2
4
-
P1.3
PB3
5
-
P1.4
PB4
6
-
P1.5
PB5
7
-
P1.6
PB6
8
-
P1.7
PB7
Figure 43
Figure 44
High RESET Function
1K
LED
Vcc
PORT
(Resistor SIL Pack SL1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com