Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S53 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AT89S53
Description  State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT89S53 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AT89S53 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
User Manual V2.00 Evalu8r
13
ISP (In-System Programming)
The Evalu8r is capable of supporting the In-System Programming (ISP) functionality available
on the Atmel 89S and 90S(AVR) microcontroller derivatives. To facilitate ISP it is necessary to
connect an Equinox ‘Micro-ISP’ or Activ8r programmer to the ISP header (Con 8) on the
module as detailed in the figure below. Alternatively the ISP connection on the Equinox
Activ8r may be used to connect to the Evalu8r.
ISP
Programmer
PC
IDC Header (Con 8)
Evalu8r
Prog LED
The Serial programmer will illuminate the ‘PROG’ LED (LED 9) on the Evalu8r during
programming.
ISP LED’s
The MOSI/MISO/SCK lines from the serial programmer are shared with LED 5/6/7. During
serial programming these LED’s will flicker on and off. If any problems are encountered
during programming it is possible to disconnect all 8 LED’s by removing the resistor SIL pack
(SL1).
Piezo Sounder
The Evalu8r module is shipped with the Piezo Sounder enabled by default. This will make a
noise during programming and is useful as an audible indication that ISP is working. To
disable the sounder, simply remove link 6.
Figure 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com