Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S53 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AT89S53
Description  State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT89S53 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AT89S53 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
User Manual V2.00 Evalu8r
3
Key
Link
Purpose
1-2
2-3
19
1
LED0 / A/D Select
LED0
AREF
19
2
LED1 / A/D Select
LED1
AIN
23
3
Reset Sense
8051
AVR
23
4
Reset Sense
8051
AVR
-
5
Not Used
-
-
7
6
Sounder Enable
On
Off
3
7
U4/2 Configuration
XTAL1
P1.2
3
8
U4/3 Configuration
XTAL2
P1.4
3
9
U4/4 Configuration
GND
P1.1
3
10
U4/5 Configuration
GND
P1.5
3
11
U4/7 Configuration
SCK2
P1.7
3
12
U4/1 Configuration
RESET
P1.3
12
13
P1.2 Configuration
LED2
AREF
12
14
P1.3 Configuration
LED3
AIN
Notes:
1 To disable LED’s, remove SIL
resistor pack SL1.
2 Pin 1 of SIL’s denoted by
square pad.
Jumper Configurations
CON10. U2 Configuration
Pin
8051
AVR
1
Vcc
Vcc
2
EA
ICP
3
ALE
ALE
4
PSEN
OC1B
4
3
2
1
As viewed in fig: 1
featured on page 2
Figure 2
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com