Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S53 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AT89S53
Description  State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT89S53 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AT89S53 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT89S53 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
User Manual V2.00 Evalu8r
9
Device Support Continued
RESET Configuration
Atmel 8-pin AVR microcontrollers
Device
Microcontroller
Number
Family
Socket
Of Pins
Polarity
Link 3
Link 4
ISP
AT90S2323
U4
8
LOW
2-3
2-3
YES
AT90S2343
U4
8
LOW
2-3
2-3
YES
Figure 20
RESET
XTAL1
XTAL2
GND
C1
C2
XT1
Vcc
PB (3 I/O)
1
2
3
4
AT90S2323
8-Pin
Microcontroller
C6
Vcc
8
External
RESET
Signal
1
2
3
4
5
6
7
8
RESET
VCC
(XTAL1) PB3
(XTAL2) PB4
PB2 (SCK/T0)
PB1 (MISO/INT0)
PB0 (MOSI)
GND
Pinout for the AT90S2323
Port
I/O
Function
PB
3
Spare I/O
PB2 Con 3 Link 11
PB3 LED6
PB0 Con 3 Link 10
• Configuration with external
Crystal Oscillator
• 3 I/O lines are available
Active
LOW RESET
Circuit
(Refer to page 12)
The Evalu8r module supports the Atmel
8-pin AVR devices. As there are many different
modes in which these devices can be used,
each pin of the 8-pin socket (U4) has been
brought out to a jumper.
The 8-pin AVR table (figure 24) shows how to
configure the jumpers so that the AT90S2323
can be operated from an external crystal and
also in-system programmed.
Pin
Function
Link
Jumper
1
RESET Pin
12
1-2
2
XTAL 1
7
1-2
3
XTAL 2
8
1-2
4
GROUND
9
1-2
5
P1.1
10
2-3
6
P1.6
-
-
7
P1.7
11
2-3
8
Vcc
-
-
AT90S2323 Scenario
Figure 22
Figure 21
Figure 24
Figure 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com